Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T1235T-8T Datasheet(PDF) 4 Page - STMicroelectronics

Part # T1235T-8T
Description  Motor control circuits
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1235T-8T Datasheet(HTML) 4 Page - STMicroelectronics

  T1235T-8T Datasheet HTML 1Page - STMicroelectronics T1235T-8T Datasheet HTML 2Page - STMicroelectronics T1235T-8T Datasheet HTML 3Page - STMicroelectronics T1235T-8T Datasheet HTML 4Page - STMicroelectronics T1235T-8T Datasheet HTML 5Page - STMicroelectronics T1235T-8T Datasheet HTML 6Page - STMicroelectronics T1235T-8T Datasheet HTML 7Page - STMicroelectronics T1235T-8T Datasheet HTML 8Page - STMicroelectronics T1235T-8T Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristics
T1235T-8T
4/9
DocID024572 Rev 3
Figure 5. On-state characteristics (maximum
values)
Figure 6. Surge peak on-state current versus
number of cycles
I(A)
TM
1
10
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
T
j=25 °C
T
j=150 °C
V
(V)
TM
T max:
j
V = 0.85 V
t0
R = 37 m
d
W
I(A)
TSM
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
Non repetitive
Tj initial=25 °C
Non repetitive
Tj initial=25 °C
Repetitive
TC=131 °C
Number of cycles
One cycle
t = 20 ms
Figure 7. Non repetitive surge peak on-state
current and corresponding values of I2t
Figure 8. Relative variation of gate trigger
current and gate voltage versus junction
temperature (typical values)
I
(A), I²t (A²s)
TSM
10
100
1000
0.01
0.10
1.00
10.00
sinusoidal pulse with width t <10 ms
p
t(ms)
p
I²t
I
TSM
T initial = 25 °C
j
dl/dt limitation: 100 A / µs
I , V
[T ] / I , V
[T = 25 °C]
GT
GT
j
GT
GT
j
0.0
0.5
1.0
1.5
2.0
-50
-25
0
25
50
75
100
125
150
T (°C)
C
V
GT
I
Q1 - Q2
GT
IQ3
GT
Figure 9. Relative variation of static dV/dt
immunity versus junction temperature (typical
values)
Figure 10. Relative variation of holding current
and latching current versus junction
temperature (typical values)
0
1
2
3
4
5
25
50
75
100
125
150
dV/dt [Tj] / dV/dt [Tj = 150 °C]
Tj(°C)
VD=VR= 402 V
I , I [T ] / I , I [T = 25 °C]
HL
j
H
L
j
0.0
0.5
1.0
1.5
2.0
-50
-25
0
25
50
75
100
125
150
I
H
I
L
T (°C)
j



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com