Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TIP42CN Datasheet(PDF) 1 Page - STMicroelectronics

Part # TIP42CN
Description  COMPLEMENTARY PNP-NPN DEVICES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP42CN Datasheet(HTML) 1 Page - STMicroelectronics

  TIP42CN Datasheet HTML 1Page - STMicroelectronics TIP42CN Datasheet HTML 2Page - STMicroelectronics TIP42CN Datasheet HTML 3Page - STMicroelectronics TIP42CN Datasheet HTML 4Page - STMicroelectronics TIP42CN Datasheet HTML 5Page - STMicroelectronics TIP42CN Datasheet HTML 6Page - STMicroelectronics TIP42CN Datasheet HTML 7Page - STMicroelectronics TIP42CN Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
May 2005
n
COMPLEMENTARY PNP-NPN DEVICES
n
NEW ENHANCED SERIES
n
HIGH SWITCHING SPEED
n
hFE GROUPING
n
hFE IMPROVED LINEARITY
APPLICATION
n
GENERAL PURPOSE CIRCUITS
n
AUDIO AMPLIFIER
n
POWER LINEAR AND SWITCHING
DESCRIPTION
The TIP41CN is a silicon base island technology
NPN power transistor Jedec TO-220 plastic
package with improved performances than the
industry standard TIP41C that make this device
suitable for audio, power linear and switching
applications.
The complementary PNP type is TIP42CN.
Figure 1: Package
Figure 2: Internal Schematic Diagram
Table 1: Order Codes
# See:note on page 2
Table 2: Absolute Maximum Ratings
TO-220
1
2
3
Part Number
Marking
Package
Packaging
TIP41CN (#)
TIP41C NR
TIP41C NO
TIP41C NY
TO-220
Tube
TIP42CN (#)
TIP42C NR
TIP42C NO
TIP42C NY
TO-220
Tube
Symbol
Parameter
Value
Unit
NPN
TIP41CN
PNP
TIP42CN
VCBO
Collector-Base Voltage (IE = 0)
100
V
VCEO
Collector-Emitter Voltage (IB = 0)
100
V
VEBO
Emitter-Base Voltage (IC = 0)
5V
IC
Collector Current
6A
ICM
Collector Peak Current (tp < 5ms)
10
A
TIP41CN
TIP42CN
COMPLEMENTARY SILICON POWER
TRANSISTORS
PRELIMINARY DATA
Rev. 1
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - TIP42CN

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP42C MOSPEC-TIP42C Datasheet
189Kb / 4P
POWER TRANSISTORS(6A,40-100V,65W)
logo
Motorola, Inc
TIP42C MOTOROLA-TIP42C Datasheet
222Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
logo
ON Semiconductor
TIP42C ONSEMI-TIP42C Datasheet
222Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
1995 REV 1
logo
Power Innovations Ltd
TIP42C POINN-TIP42C Datasheet
86Kb / 6P
PNP SILICON POWER TRANSISTORS
logo
STMicroelectronics
TIP42C STMICROELECTRONICS-TIP42C Datasheet
53Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
Oct-1999
More results

Similar Description - TIP42CN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJL0281A ONSEMI-MJL0281A Datasheet
58Kb / 5P
Complementary NPN-PNP Power Bipolar Transistors
June, 2006 ??Rev. 1
logo
Diodes Incorporated
MMDT3946LP4 DIODES-MMDT3946LP4 Datasheet
163Kb / 5P
COMPLEMENTARY NPN / PNP SURFACE MOUNT TRANSISTORS
DS30822 Rev. 4 - 2
logo
Continental Device Indi...
CSA931 CDIL-CSA931 Datasheet
177Kb / 2P
PNP/NPN COMPLEMENTARY PLANAR SILICON TRANSISTORS
logo
Diodes Incorporated
DC0150ADJ DIODES-DC0150ADJ_15 Datasheet
114Kb / 6P
COMPLEMENTARY NPN/PNP SURFACE MOUNT TRANSISTOR
Rev 3
logo
Central Semiconductor C...
MPQ7053 CENTRAL-MPQ7053_15 Datasheet
414Kb / 2P
SILICON NPN/PNP COMPLEMENTARY QUAD TRANSISTOR
logo
ON Semiconductor
NJW0281G ONSEMI-NJW0281G_13 Datasheet
108Kb / 5P
Complementary NPN-PNP Power Bipolar Transistors
September, 2013 ??Rev. 1
logo
Unisonic Technologies
MMDT3946 UTC-MMDT3946_15 Datasheet
131Kb / 4P
COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE
BD2378 UTC-BD2378_15 Datasheet
105Kb / 4P
COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE
logo
Diodes Incorporated
DSS45160FDB DIODES-DSS45160FDB Datasheet
691Kb / 9P
COMPLEMENTARY NPN/PNP LOW VCETRANSISTOR
Rev 1
logo
Yea Shin Technology Co....
MMBT3946DW YEASHIN-MMBT3946DW Datasheet
1Mb / 5P
COMPLEMENTARY NPN/PNP TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com