Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KMH Datasheet(PDF) 13 Page - United Chemi-Con, Inc.

Part # KMH
Description  Snap Mount
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

KMH Datasheet(HTML) 13 Page - United Chemi-Con, Inc.

Back Button KMH Datasheet HTML 7Page - United Chemi-Con, Inc. KMH Datasheet HTML 8Page - United Chemi-Con, Inc. KMH Datasheet HTML 9Page - United Chemi-Con, Inc. KMH Datasheet HTML 10Page - United Chemi-Con, Inc. KMH Datasheet HTML 11Page - United Chemi-Con, Inc. KMH Datasheet HTML 12Page - United Chemi-Con, Inc. KMH Datasheet HTML 13Page - United Chemi-Con, Inc. KMH Datasheet HTML 14Page - United Chemi-Con, Inc. KMH Datasheet HTML 15Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
350 Volts
400 Volts Surge
315 Volts
365 Volts Surge
250 Volts
300 Volts Surge
KMH Series
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
45
68
EKMH3B1VSN680MP20T
22
20
P20
3.656
0.44
82
EKMH3B1VSN820MP25T
22
25
P25
3.032
0.64
100
EKMH3B1VSN101MP30T
22
30
P30
2.486
0.68
120
EKMH3B1VSN121MP30T
22
30
P30
2.072
0.75
150
EKMH3B1VSN151MP35T
22
35
P35
1.658
0.82
180
EKMH3B1VSN181MP40T
22
40
P40
1.381
0.91
220
EKMH3B1VSN221MP45T
22
45
P45
1.13
1.02
270
EKMH3B1VSN271MP50T
22
50
P50
0.921
1.16
100
EKMH3B1VSN101MQ20T
25.4
20
Q20
2.486
0.56
120
EKMH3B1VSN121MQ25T
25.4
25
Q25
2.072
0.76
150
EKMH3B1VSN151MQ30T
25.4
30
Q30
1.658
0.8
180
EKMH3B1VSN181MQ30T
25.4
30
Q30
1.381
0.88
220
EKMH3B1VSN221MQ35T
25.4
35
Q35
1.13
1.02
270
EKMH3B1VSN271MQ40T
25.4
40
Q40
0.921
1.15
330
EKMH3B1VSN331MQ50T
25.4
50
Q50
0.753
1.33
120
EKMH3B1VSN121MR20T
30
20
R20
2.072
0.65
150
EKMH3B1VSN151MR25T
30
25
R25
1.658
0.82
180
EKMH3B1VSN181MR25T
30
25
R25
1.381
0.9
220
EKMH3B1VSN221MR30T
30
30
R30
1.13
1.02
270
EKMH3B1VSN271MR35T
30
35
R35
0.921
1.17
330
EKMH3B1VSN331MR35T
30
35
R35
0.753
1.3
390
EKMH3B1VSN391MR40T
30
40
R40
0.638
1.46
470
EKMH3B1VSN471MR50T
30
50
R50
0.529
1.7
180
EKMH3B1VSN181MA20T
35
20
A20
1.381
0.83
220
EKMH3B1VSN221MA25T
35
25
A25
1.13
1.03
270
EKMH3B1VSN271MA25T
35
25
A25
0.921
1.15
330
EKMH3B1VSN331MA30T
35
30
A30
0.753
1.32
390
EKMH3B1VSN391MA35T
35
35
A35
0.638
1.47
470
EKMH3B1VSN471MA40T
35
40
A40
0.529
1.69
560
EKMH3B1VSN561MA45T
35
45
A45
0.444
1.9
680
EKMH3B1VSN681MA50T
35
50
A50
0.366
2.15
1,000
EKMH3B1VSN102MA63T
35
63
A63
0.249
2.82
1,200
EKMH3B1VSN122MA80T
35
80
A80
0.207
3.3
330
EKMH3B1VQT331MB25T
40
25
B25
0.753
1.33
470
EKMH3B1VQT471MB30T
40
30
B30
0.529
1.66
560
EKMH3B1VQT561MB35T
40
35
B35
0.444
1.88
680
EKMH3B1VQT681MB40T
40
40
B40
0.366
2.14
1,000
EKMH3B1VQT102MB50T
40
50
B50
0.249
2.75
1,500
EKMH3B1VQT152MB63T
40
63
B63
0.166
3.6
1,800
EKMH3B1VQT182MB80T
40
80
B80
0.138
4.29
1,500
EKMH251VQT152MB40T
40
40
B40
0.166
2.75
1,800
EKMH251VQT182MB50T
40
50
B50
0.138
3.2
2,200
EKMH251VQT222MB63T
40
63
B63
0.113
3.78
3,300
EKMH251VQT332MB80T
40
80
B80
0.075
5.03
Standard Voltage Ratings - Snap Mount
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
†
Nominal
Case Size*
D
L ( mm )
Maximum ESR
(
Ω) at
20 C, 120Hz
Rated
Ripple Current
(A rms) at
105 C, 120Hz
56
EKMH351VSN560MP20T
22
20
P20
4.44
0.4
68
EKMH351VSN680MP25T
22
25
P25
3.656
0.51
82
EKMH351VSN820MP25T
22
25
P25
3.032
0.56
100
EKMH351VSN101MP30T
22
30
P30
2.486
0.69
120
EKMH351VSN121MP35T
22
35
P35
2.072
0.75
150
EKMH351VSN151MP40T
22
40
P40
1.658
0.82
180
EKMH351VSN181MP45T
22
45
P45
1.381
0.92
220
EKMH351VSN221MP50T
22
50
P50
1.13
1.05
82
EKMH351VSN820MQ20T
25.4
20
Q20
3.032
0.51
100
EKMH351VSN101MQ25T
25.4
25
Q25
2.486
0.69
120
EKMH351VSN121MQ25T
25.4
25
Q25
2.072
0.75
150
EKMH351VSN151MQ30T
25.4
30
Q30
1.658
0.83
180
EKMH351VSN181MQ35T
25.4
35
Q35
1.381
0.92
†For terminal and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com