Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L7987L Datasheet(PDF) 1 Page - STMicroelectronics

Part # L7987L
Description  Adjustable current limitation
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7987L Datasheet(HTML) 1 Page - STMicroelectronics

  L7987L Datasheet HTML 1Page - STMicroelectronics L7987L Datasheet HTML 2Page - STMicroelectronics L7987L Datasheet HTML 3Page - STMicroelectronics L7987L Datasheet HTML 4Page - STMicroelectronics L7987L Datasheet HTML 5Page - STMicroelectronics L7987L Datasheet HTML 6Page - STMicroelectronics L7987L Datasheet HTML 7Page - STMicroelectronics L7987L Datasheet HTML 8Page - STMicroelectronics L7987L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
This is information on a product in full production.
January 2016
DocID026362 Rev 3
1/41
L7987L
61 V, 2 A asynchronous step-down switching regulator with
adjustable current limitation
Datasheet
- production data
Features
 2 A DC output current
 4.5 V to 61 V operating input voltage
 RDS,ON = 300 mΩ typ.
 Adjustable fSW (250 kHz - 1.5 MHz)
 Low IQ-SHD (11
µA typ. from VIN)
 Low IQ (1 mA typ. - VIN 24 V - VOUT 3.3 V)
 Output voltage adjustable from 0.8 V to VIN
 Synchronization
 Adjustable soft-start time
 Adjustable current limitation
 Advanced bootstrap capacitor management for
LDO operation
 VBIAS improves efficiency at light load
 PGOOD open collector output
 Output voltage sequencing
 Digital frequency foldback in short-circuit
 Peak current foldback in short-circuit
 Auto-recovery thermal shutdown
Applications
 Designed for 24 V bus
 Fail safe tolerant systems
 Programmable logic controllers (PLCs)
Description
The L7987L device is a step-down monolithic
switching regulator able to deliver up to 2 A DC.
The output voltage adjustability ranges from 0.8 V
to almost VIN. The embedded switchover feature
on the VBIAS pin maximizes the efficiency at light
load. The adjustable current limitation, designed
to select the inductor RMS current accordingly
with the nominal output current, and the high
switching frequency capability make the size of
the application compact. Pulse-by-pulse current
sensing with digital frequency foldback
implements an effective constant current
protection over the different application
conditions. The peak current foldback decreases
the stress of the power components in heavy
short-circuit condition. The PGOOD open
collector output can also implement output
voltage sequencing during the power-up phase.
Multiple devices can be synchronized sharing the
SYNCH pin to prevent beating noise in low noise
applications like sensors with A/D conversion.
HTSSOP16 (RTH = 40 °C/W)
www.st.com


Similar Part No. - L7987L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7987 STMICROELECTRONICS-L7987 Datasheet
2Mb / 37P
Adjustable current limitation
04-Mar-2015
More results

Similar Description - L7987L

ManufacturerPart #DatasheetDescription
logo
EPCOS
B44066T0100E400 EPCOS-B44066T0100E400 Datasheet
48Kb / 4P
Current limitation reactor
logo
ATMEL Corporation
ATA6833 ATMEL-ATA6833_10 Datasheet
719Kb / 27P
Built-in 5V/3.3V Voltage Regulator with Current Limitation
U2010B ATMEL-U2010B_10 Datasheet
1Mb / 18P
Programmable Load-current Limitation with Over- and High-load Output
logo
STMicroelectronics
EV-VN7004CLH STMICROELECTRONICS-EV-VN7004CLH Datasheet
300Kb / 8P
Load current limitation
17-Oct-2016
STEVAL-IFP010V1 STMICROELECTRONICS-STEVAL-IFP010V1 Datasheet
163Kb / 6P
Current limitation
13-Jun-2008
STEVAL-ISF003V1 STMICROELECTRONICS-STEVAL-ISF003V1 Datasheet
325Kb / 6P
Low standby losses power front-end with inrush current-limitation
16-Jun-2016
L7987 STMICROELECTRONICS-L7987 Datasheet
2Mb / 37P
Adjustable current limitation
04-Mar-2015
logo
ON Semiconductor
NCV47710 ONSEMI-NCV47710_17 Datasheet
129Kb / 12P
Adjustable LDO Adjustable Current Limit
July, 2017 ??Rev. 2
NCV47721 ONSEMI-NCV47721 Datasheet
152Kb / 16P
Adjustable LDO with Adjustable Current Limit
April, 2017 ??Rev. 1
logo
STMicroelectronics
A7987 STMICROELECTRONICS-A7987 Datasheet
2Mb / 36P
61 V, 3 A asynchronous step-down switching regulator with adjustable current limitation for automotive
22-Sep-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com