Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9777 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9777
Description  High precision output voltage
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9777 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9777 Datasheet HTML 6Page - STMicroelectronics L9777 Datasheet HTML 7Page - STMicroelectronics L9777 Datasheet HTML 8Page - STMicroelectronics L9777 Datasheet HTML 9Page - STMicroelectronics L9777 Datasheet HTML 10Page - STMicroelectronics L9777 Datasheet HTML 11Page - STMicroelectronics L9777 Datasheet HTML 12Page - STMicroelectronics L9777 Datasheet HTML 13Page - STMicroelectronics L9777 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Absolute maximum ratings
L9777
10/25
DocID13496 Rev 4
Timing
VI + 0.3
(Opt. A)
40V
(Opt. B)
Not connected (Opt. C)
VTIMING Voltage
-0.3
-
V
ITIMING
Current
Internal limited
VDD
VVDD
Voltage
-0.3
VI + 0.3
(Opt. A)
40V
(Opt. B)
40V
(Opt. C)
V
IVDD
Current
Internal limited
Temperature
TJ
Junction temperature
-40
150
°C
ESD voltage level
VESD
HBM-MIL STD 883C
-1.5
1.5
kV
Table 3. Absolute maximum ratings (continued)
Symbol
Parameter
Min.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com