Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LD39115J25R Datasheet(PDF) 7 Page - STMicroelectronics

Part # LD39115J25R
Description  150 mA guaranteed output current
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39115J25R Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LD39115J25R Datasheet HTML 3Page - STMicroelectronics LD39115J25R Datasheet HTML 4Page - STMicroelectronics LD39115J25R Datasheet HTML 5Page - STMicroelectronics LD39115J25R Datasheet HTML 6Page - STMicroelectronics LD39115J25R Datasheet HTML 7Page - STMicroelectronics LD39115J25R Datasheet HTML 8Page - STMicroelectronics LD39115J25R Datasheet HTML 9Page - STMicroelectronics LD39115J25R Datasheet HTML 10Page - STMicroelectronics LD39115J25R Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
DocID15527 Rev 6
7/21
LD39115J
Electrical characteristics
21
5
Electrical characteristics
TJ = 25 °C, VIN = VOUT(NOM) + 1 V, CIN = COUT = 1 µF, IOUT = 1 mA, VEN = VIN, unless
otherwise specified.
Table 5. Electrical characteristics for LD39115J (1)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Operating input voltage
1.5
5.5
V
VUVLO
Turn-on threshold
1.45
1.48
V
Turn-off threshold
1.30
1.35
mV
VOUT
VOUT accuracy
VOUT>1.5 V, IOUT = 1 mA,
TJ = 25 °C
-2.0
2.0
%
VOUT>1.5 V, IOUT = 1 mA,
-40 °C<TJ<125 °C
-3.0
3.0
%
VOUT ≤ 1.5 V, IOUT = 1 mA
±10
mV
VOUT ≤ 1.5 V, IOUT = 1 mA,
-40 °C<TJ<125 °C
±30
mV
ΔVOUT
Static line regulation
VOUT +1 V ≤ VIN ≤ 5.5 V,
IOUT = 1 mA
0.01
%/V
ΔVOUT
Transient line
regulation(2)
ΔVIN = +500 mV, IOUT = 1 mA,
TR = TF = 5 µs
10
mVpp
ΔVOUT
Static load regulation
IOUT = 1 mA to 150 mA
0.002
%/mA
ΔVOUT
Transient load
regulation(2)
IOUT = 1 mA to 150 mA,
tR = tF = 5 µs
40
mVpp
VDROP
Dropout voltage(3)
IOUT = 100 mA, VOUT>1.5 V
-40 °C<TJ<125 °C
80
110
mV
eN
Output noise voltage
10 Hz to 100 kHz, IOUT = 10 mA
30
µVRMS/V
SVR
Supply voltage
rejection VOUT = 1.5 V
VIN = VOUTNOM+1 V+/-VRIPPLE
VRIPPLE = 0.1 V Freq. = 1 kHz
IOUT = 10 mA
74
dB
VIN = VOUTNOM+0.5 V+/-VRIPPLE
VRIPPLE = 0.1 V Freq. = 10 kHz
IOUT = 10 mA
67
IQ
Quiescent current
IOUT = 0 mA
20
µA
IOUT = 0 mA, -40 °C<TJ<125 °C
50
IOUT = 0 to 150 mA
35
IOUT = 0 to 15 0mA,
-40 °C<TJ<125 °C
70
VIN input current in OFF MODE:
VEN = GND
0.001
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com