Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LD39115J28R Datasheet(PDF) 12 Page - STMicroelectronics

Part # LD39115J28R
Description  150 mA guaranteed output current
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39115J28R Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LD39115J28R Datasheet HTML 8Page - STMicroelectronics LD39115J28R Datasheet HTML 9Page - STMicroelectronics LD39115J28R Datasheet HTML 10Page - STMicroelectronics LD39115J28R Datasheet HTML 11Page - STMicroelectronics LD39115J28R Datasheet HTML 12Page - STMicroelectronics LD39115J28R Datasheet HTML 13Page - STMicroelectronics LD39115J28R Datasheet HTML 14Page - STMicroelectronics LD39115J28R Datasheet HTML 15Page - STMicroelectronics LD39115J28R Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Typical performance characteristics
LD39115J
12/21
DocID15527 Rev 6
Figure 20. Supply voltage rejection vs.
temperature (VOUT = 1.3 V)
Figure 21. Supply voltage rejection vs.
temperature (Freq. = 1 kHz)
V
IN from 2.2 V to 2.4 V, IOUT = 10 mA, Freq. = 1 kHz
V
OUT = 1.3 V
40
50
60
70
80
90
100
-75
-50 -25
0
25
50
75
100 125 150 175
T [°C]
V
IN from 2.2 V to 2.4 V, IOUT = 10 mA, Freq. = 1 kHz
V
OUT = 1.3 V
40
50
60
70
80
90
100
-75
-50 -25
0
25
50
75
100 125 150 175
T [°C]
V
IN from 3.7 V to 3.9 V, IOUT = 10 mA, Freq. = 1 kHz
V
OUT = 2.8 V
40
50
60
70
80
90
100
-75
-50
-25
0
25
50
75
100 125 150 175
T [°C]
V
IN from 3.7 V to 3.9 V, IOUT = 10 mA, Freq. = 1 kHz
V
OUT = 2.8 V
40
50
60
70
80
90
100
-75
-50
-25
0
25
50
75
100 125 150 175
T [°C]
Figure 22. Supply voltage rejection vs.
temperature (Freq. = 10 kHz)
Figure 23. Supply voltage rejection vs.
temperature (VOUT = 2.8 V)
Figure 24. Supply voltage rejection vs.
frequency (VOUT = 1.2 V)
Figure 25. Supply voltage rejection vs.
frequency (VOUT = 1.3 V)
V
IN from 1.7 V to 1.9 V, IOUT = 10 mA, Freq. = 10 kHz
V
OUT = 1.3 V
40
50
60
70
80
90
100
-75
-50
-25
0
25
50
75
100 125 150 175
T [°C]
V
IN from 1.7 V to 1.9 V, IOUT = 10 mA, Freq. = 10 kHz
V
OUT = 1.3 V
40
50
60
70
80
90
100
-75
-50
-25
0
25
50
75
100 125 150 175
T [°C]
V
IN from 3.2 V to 3.4 V, IOUT = 10 mA, Freq. = 10 kHz
V
OUT = 2.8 V
40
50
60
70
80
90
100
-75
-50
-25
0
25
50
75
100 125 150 175
T [°C]
V
IN from 3.2 V to 3.4 V, IOUT = 10 mA, Freq. = 10 kHz
V
OUT = 2.8 V
40
50
60
70
80
90
100
-75
-50
-25
0
25
50
75
100 125 150 175
T [°C]
V
IN from 2.1 V to 2.3 V, IOUT = 10 mA
V
OUT = 1.2 V
0
10
20
30
40
50
60
70
80
90
100
0
10
20304050
60
7080
90 100 110
Frequency [kHz]
V
IN from 2.1 V to 2.3 V, IOUT = 10 mA
V
OUT = 1.2 V
0
10
20
30
40
50
60
70
80
90
100
0
10
20304050
60
7080
90 100 110
Frequency [kHz]
V
IN from 1.7 V to 1.9 V, IOUT = 10 mA
V
OUT = 1.3 V
0
10
20
30
40
50
60
70
80
90
100
0
10
20
3040
50
60708090 100 110
Frequency [KHz]
V
IN from 1.7 V to 1.9 V, IOUT = 10 mA
V
OUT = 1.3 V
0
10
20
30
40
50
60
70
80
90
100
0
10
20
3040
50
60708090 100 110
Frequency [KHz]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com