Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LFXX Datasheet(PDF) 1 Page - STMicroelectronics

Part # LFXX
Description  Logic-controlled electronic shutdown
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LFXX Datasheet(HTML) 1 Page - STMicroelectronics

  LFXX Datasheet HTML 1Page - STMicroelectronics LFXX Datasheet HTML 2Page - STMicroelectronics LFXX Datasheet HTML 3Page - STMicroelectronics LFXX Datasheet HTML 4Page - STMicroelectronics LFXX Datasheet HTML 5Page - STMicroelectronics LFXX Datasheet HTML 6Page - STMicroelectronics LFXX Datasheet HTML 7Page - STMicroelectronics LFXX Datasheet HTML 8Page - STMicroelectronics LFXX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
This is information on a product in full production.
January 2017
DocID2574 Rev 30
1/54
LFXX
Very low drop voltage regulator with inhibit function
Datasheet
- production data
Features
• Very low-dropout voltage (0.45 V)
• Very low quiescent current (typ. 50 µA in OFF
mode, 500 µA in ON mode)
• Output current up to 500 mA
• Logic-controlled electronic shutdown
• Output voltages of 1.5; 1.8; 2.5; 3.3; 4.7; 5; 6;
8; 8.5; 9; 12 V
• Automotive grade product: 1.8 V, 2.5 V, 3.3 V,
5.0 V, 8.0 V, 8.5 V VOUT in DPAK and PPAK
packages
• Internal current and thermal limit
• Only 2.2 µF for stability
• Available in ±1% (AB), ± 1.5% (AC) or ± 2% (C)
selection at 25 °C
• Supply voltage rejection: 80 db (typ.)
• Temperature range: from -40 to 125 °C
Description
The LFXX is a very low drop regulator available in
TO-220, TO-220FP, DPAK and PPAK packages
and in a wide range of output voltages. The low
drop voltage (0.45 V) and low quiescent current
make it particularly suitable for low-noise, low-
power applications and especially in battery-
powered systems. In the 5 pin configuration
(PPAK) a shutdown logic control function is
available (pin 2, TTL compatible). This means that
when the device is used as a local regulator, a
part of the board can be put in standby,
decreasing the total power consumption. In the
three terminal configuration, the device has the
same electrical performance, but it is fixed in ON
state. It requires a capacitor of only 2.2 µF for
stability, saving board space and costs. The LFXX
is available as automotive grade in DPAK and
PPAK packages, for the options of output
voltages whose commercial part numbers are
shown in the order codes. These devices are
qualified according to the specification AEC-Q100
of the automotive market, in the temperature
range - 40 °C to 125 °C, and the statistical tests
PAT, SYL, SBL are performed.
TO-220FP
TO-220
DPAK
PPAK
www.st.com


Similar Part No. - LFXX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LFXX STMICROELECTRONICS-LFXX Datasheet
2Mb / 53P
Very low drop voltage regulator with inhibit function
22-May-2017
LFXXAB STMICROELECTRONICS-LFXXAB Datasheet
1,016Kb / 45P
Very low drop voltage regulators with inhibit
26-Jul-2007
LFXXAB STMICROELECTRONICS-LFXXAB Datasheet
1Mb / 49P
Very low drop voltage regulators with inhibit
12-Feb-2008
LFXXAB STMICROELECTRONICS-LFXXAB_08 Datasheet
1Mb / 49P
Very low drop voltage regulators with inhibit
12-Feb-2008
LFXXAB STMICROELECTRONICS-LFXXAB_10 Datasheet
1Mb / 50P
Very low drop voltage regulators with inhibit
05-May-2010
More results

Similar Description - LFXX

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1005M LINER-LT1005M Datasheet
784Kb / 12P
Logic Controlled Regulator
LT1035M LINER-LT1035M Datasheet
751Kb / 12P
Logic Controlled Regulator
LT1036M LINER-LT1036M Datasheet
577Kb / 8P
Logic Controlled Regulator?
LT1036 LINER-LT1036_03 Datasheet
200Kb / 12P
Logic Controlled Regulator
LT1036 LINER-LT1036_15 Datasheet
197Kb / 12P
Logic Controlled Regulator
LT1005C LINER-LT1005C_15 Datasheet
1Mb / 12P
LOGIC CONTROLLED REGULATOR
LT1035C LINER-LT1035C_15 Datasheet
1Mb / 12P
LOGIC CONTROLLED REGULATOR
logo
STMicroelectronics
STEVAL-ISB037V1 STMICROELECTRONICS-STEVAL-ISB037V1 Datasheet
213Kb / 4P
Logic controlled electronic shutdown
06-Sep-2016
LD59015 STMICROELECTRONICS-LD59015 Datasheet
577Kb / 17P
Logic-controlled electronic shutdown
24-Apr-2014
LDK130 STMICROELECTRONICS-LDK130 Datasheet
2Mb / 27P
Logic-controlled electronic shutdown
from
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com