Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VV5404 Datasheet(PDF) 29 Page - STMicroelectronics

Part # VV5404
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV5404 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button VV5404 Datasheet HTML 25Page - STMicroelectronics VV5404 Datasheet HTML 26Page - STMicroelectronics VV5404 Datasheet HTML 27Page - STMicroelectronics VV5404 Datasheet HTML 28Page - STMicroelectronics VV5404 Datasheet HTML 29Page - STMicroelectronics VV5404 Datasheet HTML 30Page - STMicroelectronics VV5404 Datasheet HTML 31Page - STMicroelectronics VV5404 Datasheet HTML 32Page - STMicroelectronics VV5404 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
VV5404 & VV6404
CD5404-6404F-A
29/54
5.5
The Programmers Model
There may be up to 128, 8-bit registers within the camera, accessible by the user via the serial interface. They are
grouped according to function with each group occupying a 16-byte page of the location address space. There may
be up to eight such groups, although this scheme is purely a conceptual feature and not related to the actual hardware
implementation, The primary categories are given below:
Status Registers (Read Only).
Setup registers with bit significant functions.
Exposure parameters that influence output image brightness.
System functions and analogue test bit significant registers.
Any internal register that can be written to can also be read from. There are a number of read only registers that
contain device status information, (e.g. design revision details).
Names that end with H or L denote the most or least significant part of the internal register. Note that unused locations
in the H byte are packed with zeroes.
STMicroelectronics sensors that include a 2-wire serial interface are designed with a common address space. If a
register parameter is unused in a design, but has been allocated an address in the generic design model, the location
is referred to as reserved. If the user attempts to read from any of these reserved locations a default byte will be
read back. In VV6404 this data is the LSByte of the device status word, address 000_0000. A write instruction to a
reserved (but unused) location is illegal and would not be successful as the device would not allocate an internal
register to the data word contained in the instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com