Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST1S14 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST1S14
Description  Power good open collector output
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S14 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST1S14 Datasheet HTML 2Page - STMicroelectronics ST1S14 Datasheet HTML 3Page - STMicroelectronics ST1S14 Datasheet HTML 4Page - STMicroelectronics ST1S14 Datasheet HTML 5Page - STMicroelectronics ST1S14 Datasheet HTML 6Page - STMicroelectronics ST1S14 Datasheet HTML 7Page - STMicroelectronics ST1S14 Datasheet HTML 8Page - STMicroelectronics ST1S14 Datasheet HTML 9Page - STMicroelectronics ST1S14 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
Pin settings
ST1S14
6/46
DocID17977 Rev 2
1
Pin settings
1.1
Pin connection
Figure 2. Pin connection (top view)
1.2
Pin description
1.3
Enable inputs
Table 1. Pin description
N
Pin
Description
1BOOT
Bootstrap capacitor for N-channel gate driver. Connects 100 nF low ESR
capacitor from BOOT pin to SW
2
PG
Power good
3EN1
Enable pin active low
4
FB
Feedback voltage
5
EN2
Enable pin active high
6
GND
Ground pin
7VIN
Input supply pin
8
SW
Switching node
E.p.
Exposed pad must be connected to GND
Table 2. Truth table
EN1
EN2
Device status
HL
INH
HH
INH
LL
INH
LH
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com