Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST1S15 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST1S15
Description  Short-circuit and thermal protection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S15 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST1S15 Datasheet HTML 6Page - STMicroelectronics ST1S15 Datasheet HTML 7Page - STMicroelectronics ST1S15 Datasheet HTML 8Page - STMicroelectronics ST1S15 Datasheet HTML 9Page - STMicroelectronics ST1S15 Datasheet HTML 10Page - STMicroelectronics ST1S15 Datasheet HTML 11Page - STMicroelectronics ST1S15 Datasheet HTML 12Page - STMicroelectronics ST1S15 Datasheet HTML 13Page - STMicroelectronics ST1S15 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Typical performance characteristics
ST1S15
10/27
DocID023280 Rev 4
5
Typical performance characteristics
Figure 3: Efficiency vs. output current
(VOUT = 1.82 V)
Figure 4: Output voltage vs. input voltage
Figure 5: Supply current vs. input voltage in auto
mode
Figure 6: Supply current vs. input voltage in PWM
mode
Figure 7: Output voltage vs. output current
Figure 8: Frequency vs. input voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com