Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST1S41 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST1S41
Description  850 kHz switching frequency
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S41 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST1S41 Datasheet HTML 6Page - STMicroelectronics ST1S41 Datasheet HTML 7Page - STMicroelectronics ST1S41 Datasheet HTML 8Page - STMicroelectronics ST1S41 Datasheet HTML 9Page - STMicroelectronics ST1S41 Datasheet HTML 10Page - STMicroelectronics ST1S41 Datasheet HTML 11Page - STMicroelectronics ST1S41 Datasheet HTML 12Page - STMicroelectronics ST1S41 Datasheet HTML 13Page - STMicroelectronics ST1S41 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Functional description
ST1S41
10/27
DocID023654 Rev 2
Equation 3
where:
Equation 4
Sn represents the ON time slope of the sensed inductor current, Se the slope of the external
ramp (VPP peak-to-peak amplitude) that implements the slope compensation to avoid sub-
harmonic oscillations at duty cycle over 50%.
The sampling effect contribution FH(s) is:
Equation 5
where:
Equation 6
and
Equation 7
The resistor to adjust the output voltage gives the term from output voltage to the FB pin.
GDIV(s) is:
Equation 8
ω
p
1
R
LOAD
C
OUT
----------------------------------------
m
C
1D
() 0.5
LC
OUT
f
SW
⋅⋅
------------------------------------------------
+
=
m
C
1
S
e
S
n
------
+
=
S
e
V
pp
f
SW
=
S
n
V
IN
V
OUT
L
------------------------------
R
i
=
F
H s
()
1
1
s
ω
n
Q
P
----------------------
s
2
ω
n
2
-------
++
----------------------------------------------
=
Q
P
1
π
m
C
1D
() 0.5
[]
----------------------------------------------------------------
=
ω
n
π f
SW
=
G
DIV s
()
R
2
R
1
R
2
+
--------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com