Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TL082 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # TL082
Description  Wide Bandwidth Dual JFET Input Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TL082 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  TL082 Datasheet HTML 1Page - National Semiconductor (TI) TL082 Datasheet HTML 2Page - National Semiconductor (TI) TL082 Datasheet HTML 3Page - National Semiconductor (TI) TL082 Datasheet HTML 4Page - National Semiconductor (TI) TL082 Datasheet HTML 5Page - National Semiconductor (TI) TL082 Datasheet HTML 6Page - National Semiconductor (TI) TL082 Datasheet HTML 7Page - National Semiconductor (TI) TL082 Datasheet HTML 8Page - National Semiconductor (TI) TL082 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TL082
Wide Bandwidth Dual JFET Input Operational Amplifier
General Description
These devices are low cost, high speed, dual JFET input op-
erational amplifiers with an internally trimmed input offset
voltage (BI-FET II™ technology). They require low supply
current yet maintain a large gain bandwidth product and fast
slew rate. In addition, well matched high voltage JFET input
devices provide very low input bias and offset currents. The
TL082 is pin compatible with the standard LM1558 allowing
designers to immediately upgrade the overall performance of
existing LM1558 and most LM358 designs.
These amplifiers may be used in applications such as high
speed integrators, fast D/A converters, sample and hold cir-
cuits and many other circuits requiring low input offset volt-
age, low input bias current, high input impedance, high slew
rate and wide bandwidth. The devices also exhibit low noise
and offset voltage drift.
Features
n Internally trimmed offset voltage:
15 mV
n Low input bias current:
50 pA
n Low input noise voltage:
16nV/
√Hz
n Low input noise current:
0.01 pA/
√Hz
n Wide gain bandwidth:
4 MHz
n High slew rate:
13 V/µs
n Low supply current:
3.6 mA
n High input impedance:
10
12
Ω
n Low total harmonic distortion AV = 10,:
<0.02%
R
L = 10k, VO = 20 Vp − p,
BW = 20 Hz−20 kHz
n Low 1/f noise corner:
50 Hz
n Fast settling time to 0.01%:2 µs
Typical Connection
Connection Diagram
Simplified Schematic
BI-FET II™ is a trademark of National Semiconductor Corp.
DS008357-1
DIP/SO Package (Top View)
DS008357-3
Order Number TL082CM or TL082CP
See NS Package Number M08A or N08E
DS008357-2
April 1998
© 1999 National Semiconductor Corporation
DS008357
www.national.com


Similar Part No. - TL082

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL082 STMICROELECTRONICS-TL082 Datasheet
108Kb / 11P
GENERAL PURPOSE J-FET DUAL OPERATIONAL AMPLIFIERS
Mar-2002
logo
Texas Instruments
TL082 TI-TL082 Datasheet
368Kb / 19P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL082 TI-TL082 Datasheet
463Kb / 29P
JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
TL082 UTC-TL082 Datasheet
465Kb / 9P
GENERAL PURPOSE DUAL J-FET OPERATION AMPLIFIER
logo
Texas Instruments
TL082 TI-TL082 Datasheet
862Kb / 37P
JFET-INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - TL082

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LF351 NSC-LF351 Datasheet
246Kb / 10P
LF351 Wide Bandwidth JFET Input Operational Amplifier
LF353 NSC-LF353 Datasheet
597Kb / 14P
Wide Bandwidth Dual JFET Input Operational Amplifier
TL081 NSC-TL081 Datasheet
235Kb / 8P
WIDE BANDWIDTH JFET INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
LF351 TI1-LF351 Datasheet
449Kb / 14P
LF351 Wide Bandwidth JFET Input Operational Amplifier
LF353 TI1-LF353 Datasheet
633Kb / 16P
LF353 Wide Bandwidth Dual JFET Input Operational Amplifier
TL082-N TI1-TL082-N Datasheet
1Mb / 16P
TL082 Wide Bandwidth Dual JFET Input Operational Amplifier
LF353-N TI-LF353-N Datasheet
1,018Kb / 17P
LF353-N Wide Bandwidth Dual JFET Input Operational Amplifier
LF353-N TI1-LF353-N Datasheet
1,018Kb / 17P
Wide Bandwidth Dual JFET Input Operational Amplifier
TL082-N TI1-TL082-N_13 Datasheet
1Mb / 23P
Wide Bandwidth Dual JFET Input Operational Amplifier
LF147JAN TI1-LF147JAN_14 Datasheet
968Kb / 18P
Wide Bandwidth Quad JFET Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com