Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VV5404C001 Datasheet(PDF) 39 Page - STMicroelectronics

Part # VV5404C001
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV5404C001 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button VV5404C001 Datasheet HTML 35Page - STMicroelectronics VV5404C001 Datasheet HTML 36Page - STMicroelectronics VV5404C001 Datasheet HTML 37Page - STMicroelectronics VV5404C001 Datasheet HTML 38Page - STMicroelectronics VV5404C001 Datasheet HTML 39Page - STMicroelectronics VV5404C001 Datasheet HTML 40Page - STMicroelectronics VV5404C001 Datasheet HTML 41Page - STMicroelectronics VV5404C001 Datasheet HTML 42Page - STMicroelectronics VV5404C001 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
VV5404 & VV6404
CD5404-6404F-A
39/54
As mentioned in the previous example, the read message is terminated with a negative acknowledge (A) from the
master.
5.6.4
Same location multiple data write.
It may be desirable to write a succession of data to a common location. This is useful when the status of a bit,(e.g.
requesting a new black calibration), must be toggled.
The message sequence indexes setup1 register. If bit 1 is toggled low, high low this will initiate a fresh black
calibration. This is achieved by writing three consecutive data bytes to the sensor. There is no requirement to re-send
the register index before each data byte.
5.6.5
Same location multiple data read
When an exposure related value (fineH, fineL, coarseH, coarse L, gain or clk_div) is written, it takes effect on the
output at the beginning of the next video frame, (remember that the application of the gain value is a frame later than
the other exposure parameters). To signal the consumption of the written value, a flag is set when any of the exposure
or gain registers are written and is reset at the start of the next frame. This flag appears in status0 register and may
be monitored by the bus master. To speed up reading from this location, the sensor will repeatedly transmit the current
value of the register, as long as the master acknowledges each byte read.
In the next example, a fineH exposure value of 0 is written, the status register is addressed (no data byte) and then
constantly read until the master terminates the read message.
Figure 21 : No data write followed by same location read.
S
A
Sr
A
A
A
P
3210
3610
3310
3610
1510 A
0
0
No data write
Read index and data
SA
010
A
A
A
3210
1710
210
010
A
0
Write setup1
Turn off ABC
Toggle “Force Black Cal.”.
P
Figure 22 : Same location multiple data write.
SA
0
A
A
A
3210
3310
3210
010
A
0
Sr
A
A
A
A
3310
010
11
1
A
0
Sr
Write fineL with zero
Address the status0 reg.
A
10
A
Read continuously...
...until flag reset
P
Figure 23 : Same location multiple data read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com