Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VV6404C001 Datasheet(PDF) 13 Page - STMicroelectronics

Part # VV6404C001
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6404C001 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VV6404C001 Datasheet HTML 9Page - STMicroelectronics VV6404C001 Datasheet HTML 10Page - STMicroelectronics VV6404C001 Datasheet HTML 11Page - STMicroelectronics VV6404C001 Datasheet HTML 12Page - STMicroelectronics VV6404C001 Datasheet HTML 13Page - STMicroelectronics VV6404C001 Datasheet HTML 14Page - STMicroelectronics VV6404C001 Datasheet HTML 15Page - STMicroelectronics VV6404C001 Datasheet HTML 16Page - STMicroelectronics VV6404C001 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
VV5404 & VV6404
CD5404-6404F-A
13/54
The even parity bits are based on the following relationships:
1. An even number of ones in the 4-bit sequence (C2, C1, C0 and P0).
2. An even number of ones in the 3-bit sequence (C2, C1, P1).
3. An even number of ones in the 3-bit sequence (C2, C0, P2).
4. An even number of ones in the 3-bit sequence (C1, C0, P3).
Table 6 shows how the parity bits maybe used to detect and correct 1-bit errors and detect 2-bit errors.
4.2.3
Supplementary Data
The last 2 bytes of the embedded control sequence contains supplementary data. This normally contains the current
line number except if the line code is the end of line, the 2 bytes are padded out using null characters (FFH). The 12
bit line number is packaged up by splitting it into two 6-bit values. Each 6-bit values is then converted into an 8-bit
value by adding a zero to the start and an odd word parity bit at the end.
4.3
Video timing reference and status/configuration data
The video sequence is made up of lines of data. Each field of data is constructed of the following data lines:
1. A start of frame line
2. 2 of ‘black lines’ (used for black level calibration)
3. 7 (9) of blank lines
4. 292 (288) active video lines
5. An end of frame line
6. 1 (3) blank lines
The numbers given in () are for when the border rows and columns are not output on the databus.
Each line of data starts with an embedded control sequence that identifies the line type (as outlined in Table 3). The
control sequence is then followed by two bytes that, except in the case of the end-of-frame line, contain a coded line
number. The line number sequences starts with the start-of-frame line at 00H and increments one per line up until the
end-of-frame line. Each line is terminated with an end-of-line embedded control sequence. The line start embedded
sequences must be used to recognise data lines as a number of null bytes may be inserted between data lines.
Parity Checks
Comment
P3
P2
P1
P0
1
1
1
1
Code word un-corrupted
11
10
P0 corrupted, line code OK
11
01
P1 corrupted, line code OK
10
11
P2 corrupted, line code OK
01
11
P3 corrupted, line code OK
00
10
C0 corrupted, invert sense of C0
01
00
C1 corrupted, invert sense of C1
10
00
C2 corrupted, invert sense of C2
All other codes
2-bit error in code word.
Table 6 : Detection of 1-bit and 2-bit errors in the Command Word



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com