Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM0382 Datasheet(PDF) 30 Page - STMicroelectronics

Part # UM0382
Description  Evaluation Kit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0382 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button UM0382 Datasheet HTML 24Page - STMicroelectronics UM0382 Datasheet HTML 25Page - STMicroelectronics UM0382 Datasheet HTML 26Page - STMicroelectronics UM0382 Datasheet HTML 27Page - STMicroelectronics UM0382 Datasheet HTML 28Page - STMicroelectronics UM0382 Datasheet HTML 29Page - STMicroelectronics UM0382 Datasheet HTML 30Page - STMicroelectronics UM0382 Datasheet HTML 31Page - STMicroelectronics UM0382 Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
Bill Of Material
UM0382
30/32
9
Bill Of Material
The Bill of Material for the EK3LV02DQ evaluation kit is given in Table 4.
Table 4.
Bill Of Material
Designator
Description
Comment
Footprint
C1
Capacitor
10u
C1206_POL
C2
Capacitor
4u7
C1206_POL
C3
Capacitor
4u7
C1206_POL
C4
Capacitor
100n
0805
C5
Capacitor
100n
0805
C6
Capacitor
100n
0805
C7
Capacitor
100n
0805
C8
Capacitor
47n
0805
C9
Capacitor
220n
0805
C10
Capacitor
10u
C1206_POL
Cosc1
Capacitor
33p
0805
Cosc2
Capacitor
33p
0805
D1
LED_SMD
SMD_LED red
SMD_LED
D3
LED_SMD
SMD_LED green
SMD_LED
D4
LED_SMD
SMD_LED red/green
SMD_LED_3C
J1
USB connector
USB_B
USB_B
J2
Header, 5x2
ICP
HEADER_5X2_A
J3
Header, 7-Pin
SPI
HDR1X7
R1
Resistor
180R
0805
R2
Resistor
100R
0805
R3
Resistor
100R
0805
R5
Resistor
100R
0805
R6
Resistor
1k5
0805
R7
Resistor
10K
0805
R8
Resistor
10K
0805
Riccsel1
Resistor
10k
0805
SW1
Button
NReset
SMT_Button
SW2
Button
SMT_Button
SMT_Button
SW3
Button
SMT_ButtonQ
SMT_Button
U1
Accelerometer
LIS3LV02DQ
QFN28LD_NODIE5x5
U2
ST7 microcontroller
ST72F651AR6T1E
TQFP64_10x10
Yoscm1
Crystal
12MHz
OSC_SMD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com