Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B1-0505SSLF Datasheet(PDF) 2 Page - Bothhand USA, LP.

Part # B1-0505SSLF
Description  1W Isolated DC/DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

B1-0505SSLF Datasheet(HTML) 2 Page - Bothhand USA, LP.

  B1-0505SSLF Datasheet HTML 1Page - Bothhand USA, LP. B1-0505SSLF Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
B1 LF Series
1W Isolated DC/DC Converter
BOTHHAND
USA
HTTP://www.bothhand
usa.com
2
Technical Specification (2/2):
Mechanical Dimensions
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max
Input Current
@No Load
(mA) Typ.
Input Current
@Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%) Max.
Efficiency
(%)Typ.
4) Dual Output DIL Package Style
B1-053R3D(H) LF
± 3.3
± 150
30
274
60
± 12
73
B1-0505D(H) LF
± 5
± 100
30
263
60
± 10
76
B1-0512D(H) LF
± 12
± 42
28
253
100
± 8
79
B1-0515D(H) LF
5
± 15
± 34
28
250
120
± 8
80
B1-1205D(H) LF
± 5
± 100
18
104
60
± 8
80
B1-1212D(H) LF
12
± 12
± 42
18
104
100
± 8
80
B1-243R3D(H) LF
± 3.3
± 150
5
56
60
± 8
74
B1-2405D(H) LF
± 5
± 100
4
55
60
± 8
76
B1-2412D(H) LF
24
± 12
± 42
4
55
100
± 8
76
5) Dual Separate Output SIL Package Style
B1-0505S01 LF
5/5
100/100
30
263
60
± 10
76
B1-0515S01 LF
5
5/15
100/33
28
250
120
± 8
80
B1-1205S01 LF
5/5
100/100
18
107
60
± 8
78
B1-1212S01 LF
5/12
100/42
18
104
100
± 8
80
B1-1215S01 LF
12
5/15
100/33
18
106
120
± 8
78
B1-2405S01 LF
24
5/5
100/100
5
54
60
± 8
76
6) Dual Separate Output DIL Package Style
B1-0505D01 LF
5/5
100/100
30
263
60
± 10
76
B1-0515D01 LF
5
5/15
100/33
28
250
120
± 8
80
B1-1205D01 LF
5/5
100/100
18
107
60
± 8
78
B1-1212D01 LF
5/12
100/42
18
104
100
± 8
80
B1-1215D01 LF
12
5/15
100/33
13
106
120
± 8
78
B1-2405D01 LF
24
5/5
100/100
5
54
60
± 8
76



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com