Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM1817 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM1817
Description  Evaluation board with STM32F091VC MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1817 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM1817 Datasheet HTML 3Page - STMicroelectronics UM1817 Datasheet HTML 4Page - STMicroelectronics UM1817 Datasheet HTML 5Page - STMicroelectronics UM1817 Datasheet HTML 6Page - STMicroelectronics UM1817 Datasheet HTML 7Page - STMicroelectronics UM1817 Datasheet HTML 8Page - STMicroelectronics UM1817 Datasheet HTML 9Page - STMicroelectronics UM1817 Datasheet HTML 10Page - STMicroelectronics UM1817 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
DocID026902 Rev 3
7/58
UM1817
Overview
57
1.4
Delivery recommandations
Before using the board for the first time, the user should check that it has not been visibly
damaged during the shipment, and that no components are unplugged or missing.
When the board is extracted from its plastic bag, check that no component remains in the
bag.
The main components to verify are:
1.
The 8 MHz crystal (X2) which may have been removed from its socket by a shock.
2.
The microSD card which may have been ejected from the CN8 connector (right side of
the board).
3.
The dual-interface EEPROM board (ANT7-M24LR-A) which may have been unplugged
from the CN2 connector (top left corner of the board).
For all information concerning the version of the MCU used on the board, its specification
and possible related limitations, visit the ST web site www.st.com to download relevant
datasheet and errata sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com