Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM2053 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UM2053
Description  14 mm x 14 mm antenna reference board for the M24SR64-Y dual interface EEPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2053 Datasheet(HTML) 5 Page - STMicroelectronics

  UM2053 Datasheet HTML 1Page - STMicroelectronics UM2053 Datasheet HTML 2Page - STMicroelectronics UM2053 Datasheet HTML 3Page - STMicroelectronics UM2053 Datasheet HTML 4Page - STMicroelectronics UM2053 Datasheet HTML 5Page - STMicroelectronics UM2053 Datasheet HTML 6Page - STMicroelectronics UM2053 Datasheet HTML 7Page - STMicroelectronics UM2053 Datasheet HTML 8Page - STMicroelectronics UM2053 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DocID029206 Rev 1
5/10
UM2053
Hardware description
9
1
Hardware description
The ANT7-T-M24SR64 (see Figure 2) contains the M24SR64-Y EEPROM device and a
14 mm x 14 mm, 13.56 MHz dual layer etched antenna.
Figure 2. Functional block diagram
The M24SR64-Y is a dynamic NFC Forum Type 4 Tag – ISO/IEC 14443 with 25 pF internal
tuning capacitance. Memory size is 64 Kbits with NDEF support, that can be accessed
either by I2C interface or by 13.56 MHz air interface.
The tag features a user configurable digital output pin toggling during either RF or I2C
operation.
The M24SR64-Y also provides an input used to disable the RF communication.
As shown in Figure 1, all M24SR64-Y pins (except AC0 and AC1, related to antenna
connection) are made available to the user, with 1.2 mm diameter through-hole test points.
1.1
Startup
The ANT7-T-M24SR64 is already programmed with an URI that will automatically redirect to
the associated ST web-page.
User has to:
•
Enable NFC on the phone (Settings → Wireless and Networks → NFC) and make sure
it is also connected to the Internet
•
Bring the phone close to the ANT7-T-M24SR64 antenna to be redirected to the ST25
web-page.
Various usages of the ANT7-T-M24SR64 with a smartphone are allowed with ST25 NFC
Demo application for Android.
To download the application and for more use cases details user should visit the dedicated
pages on https://play.google.com and on www.st.com.
It is also possible to access the M24SR64-Y memory with CR95HF demonstration board
and associated PC software available on www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com