Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM2071 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM2071
Description  BlueNRG-1 development kit
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2071 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM2071 Datasheet HTML 5Page - STMicroelectronics UM2071 Datasheet HTML 6Page - STMicroelectronics UM2071 Datasheet HTML 7Page - STMicroelectronics UM2071 Datasheet HTML 8Page - STMicroelectronics UM2071 Datasheet HTML 9Page - STMicroelectronics UM2071 Datasheet HTML 10Page - STMicroelectronics UM2071 Datasheet HTML 11Page - STMicroelectronics UM2071 Datasheet HTML 12Page - STMicroelectronics UM2071 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
UM2071
Hardware description
DocID029370 Rev 3
9/56
Table 1: STEVAL-IDB007V1 board component descriptions
Region
Description
A
BlueNRG-1 system on chip
C
Micro USB connector for power supply and I/O
O
JTAG connector
M
RESET button
N
two USER buttons
H
LPS25HB MEMS pressure sensor with embedded temperature
I
LSM6DS3 3D digital accelerometer and 3D digital gyroscope
G
PWR LED
P
three user LEDs
back of the
PCB
battery holder for two AAA batteries
J, L
Two rows of Arduino-compliant connectors
S
Integrated balun with matching network and harmonics filter
Q
STM32L151CBU6 48-pin microcontroller (USB to serial bridge for I/O channel to
PC communication)(1)
R
ST2378E level translator to adapt voltage level between STM32 and BlueNRG-1
Notes:
(1)STM32 is not intended to be programmed by users
2.2
BlueNRG-1 SoC connections
The BlueNRG-1 very low power Bluetooth low energy (BLE) single-mode system on chip
(Figure 2: "STEVAL-IDB007V1 board components"
– region A) has 160 KB of Flash, 24 KB
of RAM, a 32-bit core ARM cortex-M0 processor and several peripherals (ADC, GPIOs,
I²C, SPI, Timers, UART, WDG and RTC).
The microcontroller is connected to various components such as buttons, LEDs and
sensors. The following table describes the microcontroller pin functions.
Table 2: BlueNRG-1 pin description with board functions
Pin name
Pin
No
Board function
LED
Micro
Button
Pressure
sensor
3D
accelerometer
and
gyroscope
JTAG
Arduino connectors
CN1
CN2
CN3
CN4
DIO10
1
JTMS-
SWTDIO
DIO9
2
JTCK-
SWTCK
DIO8
3
TXD
(PA2)
pin 1
IO8
pin
2
TX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com