Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2N6451 Datasheet(PDF) 1 Page - InterFET Corporation

Part # 2N6451
Description  N-Channel Silicon Junction Field-Effect Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

2N6451 Datasheet(HTML) 1 Page - InterFET Corporation

  2N6451 Datasheet HTML 1Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
01/99
B-25
2N6451, 2N6452
N-Channel Silicon Junction Field-Effect Transistor
Absolute maximum ratings at TA = 25¡C
2N6451
2N6452
Reverse Gate Source Voltage
– 20 V
– 25 V
Reverse Gate Drain Voltage
– 20 V
– 25 V
Continuous Forward Gate Current
10 mA
10 mA
Continuous Device Power Dissipation
360 mW
360 mW
Power Derating
2.88 mW/°C 2.88 mW/°C
TOÐ72 Package
Dimensions in Inches (mm)
Pin Configuration
1 Source, 2 Drain, 3 Gate, 4 Case
At 25°C free air temperature:
2N6451
2N6452
Process NJ132L
Static Electrical Characteristics
Min
Max
Min
Max
Unit
Test Conditions
Gate Source Breakdown Voltage
V(BR)GSS
– 20
– 25
V
IG = – 1 µA, VDS = ØV
– 0.1
nA
VGS = – 10V, VDS = ØV
Gate Reverse Current
IGSS
– 0.5
nA
VGS = – 15V, VDS = ØV
– 0.2
µA
VGS = – 10V, VDS = ØV
TA = 125°C
– 1
µA
VGS = – 15V, VDS = ØV
TA = 125°C
Gate Source Cutoff Voltage
VGS(OFF)
– 0.5 – 3.5 – 0.5 – 3.5
V
VDS = 10V, ID = 0.5 nA
Drain Saturation Current (Pulsed)
IDSS
520520
mA
VDS = 10V, VGS = ØV
Dynamic Electrical Characteristics
Common Source
| Yfs |
15
30
15
30
mS
VDS = 10V, ID = 5 mA
f = 1 kHz
Forward Transmittance
mS
VDS = 10V, ID = 15 mA
f = 1 kHz
Common Source
| Yos |
50
50
µS
VDS = 10V, ID = 5 mA
f = 1 kHz
Output Conductance
µS
VDS = 10V, ID = 15 mA
f = 1 kHz
Common Source
Ciss
25
25
pF
VDS = 10V, ID = 5 mA
f = 1 kHz
Input Capacitance
pF
VDS = 10V, ID = 15 mA
f = 1 kHz
Common Source Reverse
Crss
55
pF
VDS = 10V, ID = 5 mA
f = 1 kHz
Transfer Capacitance
pF
VDS = 10V, ID = 15 mA
f = 1 kHz
Equivalent Short Circuit
¯eN
510 nV/
√Hz
VDS = 10V, ID = 5 mA
f = 10 kHz
Input Noise Voltage
38
nV/
√Hz
VDS = 10V, ID = 5 mA
f = 1 kHz
Noise Figure
NF
1.5
2.5
dB
VDS = 10V, ID = 5 mA
f = 10 Hz
RG = 10 kΩ
¥ Audio Amplifiers
¥ Low-Noise, High Gain
Amplifiers
¥ Low-Noise Preamplifiers
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
Databook.fxp
1/13/99 2:09 PM
Page B-25


Similar Part No. - 2N6451

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N6451 NJSEMI-2N6451 Datasheet
92Kb / 1P
N-CHANNEL JFET
More results

Similar Description - 2N6451

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
2N3821 INTERFET-2N3821 Datasheet
94Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J232 INTERFET-J232 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J110 INTERFET-J110 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IF4501 INTERFET-IF4501 Datasheet
91Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IF1801 INTERFET-IF1801 Datasheet
91Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IFN5432 INTERFET-IFN5432 Datasheet
99Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J112 INTERFET-J112 Datasheet
98Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J304 INTERFET-J304 Datasheet
100Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
U309 INTERFET-U309 Datasheet
99Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
logo
New Jersey Semi-Conduct...
U311 NJSEMI-U311 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com