Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6706 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6706
Description  High output voltage accuracy
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6706 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6706 Datasheet HTML 16Page - STMicroelectronics L6706 Datasheet HTML 17Page - STMicroelectronics L6706 Datasheet HTML 18Page - STMicroelectronics L6706 Datasheet HTML 19Page - STMicroelectronics L6706 Datasheet HTML 20Page - STMicroelectronics L6706 Datasheet HTML 21Page - STMicroelectronics L6706 Datasheet HTML 22Page - STMicroelectronics L6706 Datasheet HTML 23Page - STMicroelectronics L6706 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
Voltage positioning
L6706
20/47
Doc ID 15698 Rev 2
8
Voltage positioning
Output voltage positioning is performed by selecting the internal reference value through
VID pins and by programming the droop function and offset to the reference (see Figure 6
on page 20). The currents sourced/sunk from FB pin cause the output voltage to vary
according to the external RFB.
The output voltage is then driven by the following relationship:
where:
OFFSET function can be disabled shorting to SGND the OFFSET pin.
Figure 6.
Voltage positioning (left) and droop function (right)
8.1
Offset (optional)
The OFFSET pin allows programming a positive offset (VOS) for the output voltage by
connecting a resistor ROFFSET vs. SGND as shown in Figure 7; this offset has to be
considered in addition to the one already introduced during the production stage (VPROG =
VID-19 mV).
OFFSET function can be disabled shorting to SGND the OFFSET pin.
The OFFSET pin is internally fixed at 1.240 V (Table 5) a current is programmed by
connecting the resistor ROFFSET between the pin and SGND: this current is mirrored and
then properly sunk from the FB pin as shown in Figure 7. Output voltage is then
programmed as follow:
V
OUT IOUT
()
V
PROG
R
FB
I
DROOP IOUT
() I
OFFSET
[]
=
V
PROG
VID
19mV
=
I
DROOP IOUT
()
DCR
Rg
------------- I
OUT
=
I
OFFSET
1.240V
R
OFFSET
------------------------
=
ESR Drop
VMAX
VMIN
VNOM
RESPONSE WITHOUT DROOP
RESPONSE WITH DROOP
COMP
To GND_core
(Remote Sense)
ERROR AMPLIFIER
FB
FBG
RF
CF
VSEN
I
DROOP
To VCC_core
(Remote Sense)
RFB
VPROG
VREF
FBG
GND DROP
RECOVERY
CP
I
OFFSET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com