Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6706TR Datasheet(PDF) 36 Page - STMicroelectronics

Part # L6706TR
Description  High output voltage accuracy
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6706TR Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L6706TR Datasheet HTML 32Page - STMicroelectronics L6706TR Datasheet HTML 33Page - STMicroelectronics L6706TR Datasheet HTML 34Page - STMicroelectronics L6706TR Datasheet HTML 35Page - STMicroelectronics L6706TR Datasheet HTML 36Page - STMicroelectronics L6706TR Datasheet HTML 37Page - STMicroelectronics L6706TR Datasheet HTML 38Page - STMicroelectronics L6706TR Datasheet HTML 39Page - STMicroelectronics L6706TR Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 47 page
background image
Output voltage monitor and protections
L6706
36/47
Doc ID 15698 Rev 2
OCP during normal operation of the device. This value must take into consideration also the
extra current needed during the dynamic VID transition ID-VID (see Section 12: Dynamic VID
transitions for details):
The device detects an over current when the IINFO overcome the threshold IOCTH externally
programmable through OCSET pin.
where
ΔIL is the inductor ripple current (peak-to-peak).
Since the device always senses the current across the inductor, the IOCTH crossing will
happen during the HS conduction time: as a consequence of OCP detection, the device will
turn OFF the HS MOSFET and turns ON the LSMOSFET until IINFO re-cross the threshold
or until the next clock cycle. This implies that the device limits the peak of the inductor
current.
In any case, the inductor current won't overcome the IOCP value and this will represent the
maximum peak value to consider in the OC design.
The device works in constant-current, and the output voltage decreases as the load
increase, until the output voltage reaches the UVP threshold. When this threshold is
crossed, MOSFETs are turned off and the device stops working. Cycle the power supply or
the OUTEN pin to restart operation.
Figure 20.
Overcurrent protection connection
Note:
In order to avoid the OCP intervention during the DVID, the device automatically increases
the OCP threshold to 150% of the selected OCP threshold during every VID transition
(adding an extra 15 µs of delay).
Since the device reads the current information across inductor DCR, the process spread
and temperature variations of these sensing elements has to be considered. Also the
programmable threshold spread (IOCTH current spread as a consequence of VOCSET
spread, see Table 5) has to be considered for the ROCSET design:
IOUT
OCP
IOUT
MAX
I
DVID
–
+
>
I
OCTH
V
OCSET
R
OCSET
----------------------
1.260 typ
()
R
OCSET
----------------------------
==
I
INFO
OCP
DCR
Rg
-------------
I
OUT
OCP
ΔIL
2
---------
+
⎝⎠
⎛⎞
⋅
=
ROCSET
OCSET
VOCSET =1.260V (TYP)
R
OCSET
V
OCSET MIN
()
DCR MAX
)
()
Rg
-----------------------------------
I
OUT OCP
() ΔIL
2
---------
+
⎝⎠
⎛⎞
⋅
77
μA
+
-----------------------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com