Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6751 Datasheet(PDF) 26 Page - STMicroelectronics

Part # L6751
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L6751 Datasheet HTML 22Page - STMicroelectronics L6751 Datasheet HTML 23Page - STMicroelectronics L6751 Datasheet HTML 24Page - STMicroelectronics L6751 Datasheet HTML 25Page - STMicroelectronics L6751 Datasheet HTML 26Page - STMicroelectronics L6751 Datasheet HTML 27Page - STMicroelectronics L6751 Datasheet HTML 28Page - STMicroelectronics L6751 Datasheet HTML 29Page - STMicroelectronics L6751 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 59 page
background image
Device configuration and pinstrapping tables
L6751
26/59
Doc ID 023992 Rev 1
56
36
0.000 V
1.100 V
VSA
10
μsec
(functional)
ON
1.350 V
32
μsec
(debug)
130
18
13
120
15
12
110
18
16
100
15
14.7
0.000 V
1.000 V
VSA
10
μsec
(functional)
10
μsec
(functional)
130
10
11
120
18
22
110
56
75
100
10
15
0.000 V
0.900 V
VSA
10
μsec
(functional)
OFF
1.500 V
32
μsec
(debug)
130
12
20
120
12
22.6
110
39
82
100
47
110
0.000 V
1.000 V
GFX
32
μsec
(debug)
10
μsec
(functional)
130
10
27
120
22
68
110
10
36
100
18
75
1.000 V
1.000 V
GFX
32
μsec
(debug)
OFF
1.350 V
32
μsec
(debug)
130
15
75
120
10
59
110
10
75
100
10
100
0.000 V
0.000 V
GFX
10
μsec
(functional)
10
μsec
(functional)
130
10
150
120
10
220
110
10
Open
100
1.
Recommended values, divider needs to be connected between VCC5 pin and GND.
2.
BOOT is ignored in AMD mode, only TMAX is operative.
3.
Operative mode defined by ADDR pin. See Table 9 for details.
Table 10.
BOOT / TMAX pinstrapping(1) (2) (continued)
Rdown
[k
Ω]
Rup
[k
Ω]
BOOT - Intel address 0000b(3)
Intel address 0010b, 0100b (3)
TMAX [C]
Multi-
phase
Single-
phase
Link rest
JMode
VBOOT
Link rest



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com