Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LNBH23L Datasheet(PDF) 1 Page - STMicroelectronics

Part # LNBH23L
Description  Selectable output current limit by external resistor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH23L Datasheet(HTML) 1 Page - STMicroelectronics

  LNBH23L Datasheet HTML 1Page - STMicroelectronics LNBH23L Datasheet HTML 2Page - STMicroelectronics LNBH23L Datasheet HTML 3Page - STMicroelectronics LNBH23L Datasheet HTML 4Page - STMicroelectronics LNBH23L Datasheet HTML 5Page - STMicroelectronics LNBH23L Datasheet HTML 6Page - STMicroelectronics LNBH23L Datasheet HTML 7Page - STMicroelectronics LNBH23L Datasheet HTML 8Page - STMicroelectronics LNBH23L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
November 2010
Doc ID 15335 Rev 4
1/25
25
LNBH23L
LNB supply and control IC with step-up and I²C interface
Features
■ Complete interface between LNB and I²C bus
■ Built-in DC-DC converter for single 12 V supply
operation and high efficiency (typ. 93% @ 0.5
A)
■ Selectable output current limit by external
resistor
■ Compliant with main satellite receivers output
voltage specification
■ Auxiliary modulation input (EXTM pin)
facilitates DiSEqC™ 1.X encoding
■ Accurate built-in 22 kHz tone generator suits
widely accepted standards
■ Low-drop post regulator and high efficiency
step-up PWM with integrated power NMOS
allow low power losses
■ Overload and over-temperature internal
protections with I²C diagnostic bits
■ LNB short circuit dynamic protection
■ ± 4 kV ESD tolerant on output power pins
Applications
■ STB satellite receivers
■ TV satellite receivers
■ PC card satellite receivers
Description
Intended for analog and digital satellite receivers,
the LNBH23L is a monolithic voltage regulator
and interface IC, assembled in QFN32 5 x 5
specifically designed to provide the 13 / 18 V
power supply and the 22 kHz tone signalling to
the LNB down-converter in the antenna dish or to
the multi-switch box. In this application field, it
offers a complete solution with extremely low
component count, low power dissipation together
with simple design and I²C standard interfacing.
QFN32 (5 x 5 mm)
(Exposed pad)
Table 1.
Device summary
Order code
Package
Packaging
LNBH23LQTR
QFN32 (5 x 5 mm) Exposed pad
Tape and reel
www.st.com


Similar Part No. - LNBH23L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LNBH23LQTR STMICROELECTRONICS-LNBH23LQTR Datasheet
483Kb / 25P
LNB supply and control IC with step-up and I2C interface
29-Nov-2010
More results

Similar Description - LNBH23L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2300 FAIRCHILD-FPF2300 Datasheet
1Mb / 19P
Dual-Output Current Limit Switch
logo
Maxim Integrated Produc...
MAX4772 MAXIM-MAX4772 Datasheet
302Kb / 10P
200mA/500mA Selectable Current-Limit Switches
19-2926; Rev 0; 7/03
logo
Fairchild Semiconductor
FPF2310 FAIRCHILD-FPF2310_10 Datasheet
1Mb / 17P
Dual-Output Adjustable Current Limit Switch
logo
International Rectifier
IR1153S IRF-IR1153S_15 Datasheet
386Kb / 20P
Cycle by cycle peak current limit
logo
M/A-COM Technology Solu...
MAAL-010704 MA-COM-MAAL-010704_15 Datasheet
1Mb / 15P
Adjustable Current with an External Resistor
logo
Silicon Touch Technolog...
LS521 SITI-LS521 Datasheet
711Kb / 12P
Tunable illumination sensitivity by an external resistor
logo
Texas Instruments
PT5071-12V TI1-PT5071-12V Datasheet
150Kb / 4P
Output Current Limit
logo
STMicroelectronics
LNBH25 STMICROELECTRONICS-LNBH25 Datasheet
1Mb / 34P
Selectable output current limit by external resistor
15-Feb-2012
LNBH26L STMICROELECTRONICS-LNBH26L Datasheet
944Kb / 28P
Selectable output current limit by external resistor
01-Mar-2012
LNBH30 STMICROELECTRONICS-LNBH30 Datasheet
830Kb / 27P
Selectable output current limit by external resistor
19-Mar-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com