Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LNBH25LSPQR Datasheet(PDF) 16 Page - STMicroelectronics

Part # LNBH25LSPQR
Description  LNB supply and control IC with step-up and I²C interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH25LSPQR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button LNBH25LSPQR Datasheet HTML 12Page - STMicroelectronics LNBH25LSPQR Datasheet HTML 13Page - STMicroelectronics LNBH25LSPQR Datasheet HTML 14Page - STMicroelectronics LNBH25LSPQR Datasheet HTML 15Page - STMicroelectronics LNBH25LSPQR Datasheet HTML 16Page - STMicroelectronics LNBH25LSPQR Datasheet HTML 17Page - STMicroelectronics LNBH25LSPQR Datasheet HTML 18Page - STMicroelectronics LNBH25LSPQR Datasheet HTML 19Page - STMicroelectronics LNBH25LSPQR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
I²C bus interface
LNBH25LS
16/30
DocID026753 Rev 3
6
I²C bus interface
Data transmission from the main microprocessor to the LNBH25LS and vice versa takes
place through the 2-wire I²C bus interface, consisting of the 2-line SDA and SCL (pull-up
resistors to positive supply voltage must be externally connected).
6.1
Data validity
As shown in Figure 7: "Data validity on the I²C bus", the data on the SDA line must be
stable during the high semi-period of the clock. The HIGH and LOW state of the data line
can only change when the clock signal on the SCL line is LOW.
6.2
Start and stop condition
As shown in Figure 8: "Timing diagram of I²C bus", a start condition is a HIGH to LOW
transition of the SDA line while SCL is HIGH. The stop condition is a LOW to HIGH
transition of the SDA line while SCL is HIGH. A stop condition must be sent before each
start condition.
6.3
Byte format
Every byte transferred to the SDA line must contain 8 bits. Each byte must be followed by
an acknowledge bit. The MSB is transferred first.
6.4
Acknowledge
The master (microprocessor) puts a resistive HIGH level on the SDA line during the
acknowledge clock pulse, see Figure 9: "Acknowledge on the I²C bus". The peripheral
(LNBH25LS), which acknowledges, must pull down (LOW) the SDA line during the
acknowledge clock pulse, so that the SDA line is stable LOW during this clock pulse. The
peripheral, which has been addressed, has to generate acknowledge after the reception of
each byte, otherwise the SDA line remains at the HIGH level during the ninth clock pulse
time. In this case the master transmitter can generate the stop information in order to abort
the transfer. The LNBH25LS doesn’t generate acknowledge if VCC supply is below the
undervoltage lockout threshold (4.7 V typ.).
6.5
Transmission without acknowledge
Avoiding to detect acknowledges of the LNBH25LS, the microprocessor can use a simpler
transmission: it simply waits for one clock without checking the slave acknowledging, and
sends the new data. This approach is of course less protected from misworking and
decreases noise immunity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com