Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM6675 Datasheet(PDF) 8 Page - STMicroelectronics

Part # PM6675
Description  Very fast load transient response using constant on-time control loop
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button PM6675 Datasheet HTML 4Page - STMicroelectronics PM6675 Datasheet HTML 5Page - STMicroelectronics PM6675 Datasheet HTML 6Page - STMicroelectronics PM6675 Datasheet HTML 7Page - STMicroelectronics PM6675 Datasheet HTML 8Page - STMicroelectronics PM6675 Datasheet HTML 9Page - STMicroelectronics PM6675 Datasheet HTML 10Page - STMicroelectronics PM6675 Datasheet HTML 11Page - STMicroelectronics PM6675 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical data
PM6675
8/47
3
Electrical data
3.1
Maximum rating
3.2
Thermal data
Table 2. Absolute maximum ratings (1)
1.
Free air operating conditions unless otherwise specified. Stresses beyond those listed under "absolute
maximum ratings" may cause permanent damage to the device. Exposure to absolute maximum rated
conditions for extended periods may affect device reliability.
Symbol
Parameter
Value
Unit
VAVCC
AVCC to SGND
-0.3 to 6
V
VVCC
VCC to SGND
-0.3 to 6
PGND, LGND to SGND
-0.3 to 0.3
HGATE and BOOT to PHASE
-0.3 to 6
HGATE and BOOT to PGND
-0.3 to 42
VPHASE
PHASE to SGND
-0.3 to 36
LGATE to PGND
-0.3 to VCC +0.3
CSNS, SPG, LEN, SWEN, LILIM, COMP, VSEL,
VSNS, VOSC, VREF, NOSKIP to SGND
-0.3 to VAVCC + 0.3
LPG,VREF, LOUT, LFB to SGND
-0.3 to VAVCC + 0.3
LIN, LOUT, LPG, LIN to LGND
-0.3 to VAVCC + 0.3
Maximum withstanding Voltage range test
condition: CDF-AEC-Q100-002- “Human Body
Model” acceptance criteria: “Normal
Performance”
±1250
V
Table 3. Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction to ambient
42
°C/W
TSTG
Storage temperature range
-40 to 150
°C
TA
Operating ambient temperature range
-40 to 85
°C
TJ
Junction operating temperature range
0 to 125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com