Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM6675A Datasheet(PDF) 9 Page - STMicroelectronics

Part # PM6675A
Description  Latched OVP and UVP
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675A Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PM6675A Datasheet HTML 5Page - STMicroelectronics PM6675A Datasheet HTML 6Page - STMicroelectronics PM6675A Datasheet HTML 7Page - STMicroelectronics PM6675A Datasheet HTML 8Page - STMicroelectronics PM6675A Datasheet HTML 9Page - STMicroelectronics PM6675A Datasheet HTML 10Page - STMicroelectronics PM6675A Datasheet HTML 11Page - STMicroelectronics PM6675A Datasheet HTML 12Page - STMicroelectronics PM6675A Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
PM6675A
Electrical characteristics
9/15
Table 5. Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Current limit and zero crossing comparator
ICSNS
CSNS input bias current
90
100
110
µA
Comparator offset
-5
5
mV
Positive current limit threshold
VPGND - VCSNS
-115
-100
-85
Fixed negative current limit
threshold
-130
-110
-90
VZC,OFFS Zero crossing comparatot offset
-10
-5
0
High and low side gate drivers
HGATE driver on-resistance
HGATE high state (pullup)
2.0
3
Ω
HGATE low state (pulldown)
1.8
2.7
LGATE driver on-resistance
LGATE high state(pullup)
1.4
2.1
LGATE low state (pulldown)
0.6
0.9
UVP/OVP protections and PGOOD signals
OVP
Over voltage threshold
112
115
118
%
UVP
Under voltage threshold
63
70
73
PGOOD
SMPS upper threshold
107
110
113
SMPS lower threshold
87
90
93
LDO upper threshold
107
110
113
LDO lower threshold
87
90
93
IPG,LEAK SPG and LPG leakeage current¹
SPG and LPG forced to 5.5V
1
µA
VPG,LOW SPG and LPG low level voltage
ILPG,SINK = ISPG,SINK = 4mA
150
250
mV
Soft start section (SMPS)
Soft-start ramp time
(4 steps current limit)
23
4
ms
Soft-start initial current limit
22.5
25
27.5
µA
Soft-start current limit step
22.5
25
27.5
Soft end section
Switching section discharge
resistance
25
Ω
LDO section discharge resistance
25
LDO section
VLREF
LDO reference voltage
0.594
0.6
0.606
V
VDROP
LDO drop-out voltage
VLOUT = 0.9V, ILOUT =1A,
-10% output drop
0.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com