Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC564L60x Datasheet(PDF) 129 Page - STMicroelectronics

Part # SPC564L60x
Description  Dual issue five-stage pipeline core
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564L60x Datasheet(HTML) 129 Page - STMicroelectronics

Back Button SPC564L60x Datasheet HTML 125Page - STMicroelectronics SPC564L60x Datasheet HTML 126Page - STMicroelectronics SPC564L60x Datasheet HTML 127Page - STMicroelectronics SPC564L60x Datasheet HTML 128Page - STMicroelectronics SPC564L60x Datasheet HTML 129Page - STMicroelectronics SPC564L60x Datasheet HTML 130Page - STMicroelectronics SPC564L60x Datasheet HTML 131Page - STMicroelectronics SPC564L60x Datasheet HTML 132Page - STMicroelectronics SPC564L60x Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 165 page
background image
DocID15457 Rev 12
129/165
SPC56ELx, SPC564Lx
Electrical characteristics
164
3.20.2
Reset sequence description
The figures in this section show the internal states of the chip during the five different reset
sequences. The dotted lines in the figures indicate the starting point and the end point for
which the duration is specified in Table 33. The start point and end point conditions as well
as the reset trigger mapping to the different reset sequences are specified in Section 3.20.3.
With the beginning of DRUN mode the first instruction is fetched and executed. At this point
application execution starts and the internal reset sequence is finished.
The figures below show the internal states of the chip during the execution of the reset
sequence and the possible states of the signal pin RESET.
Note:
RESET is a bidirectional pin. The voltage level on this pin can either be driven low by an
external reset generator or by the chip internal reset circuitry. A high level on this pin can
only be generated by an external pull up resistor which is strong enough to overdrive the
weak internal pull down resistor. The rising edge on RESET in the following figures indicates
the time when the device stops driving it low. The reset sequence durations given in table
Table 33 are applicable only if the internal reset sequence is not prolonged by an external
reset generator keeping RESET asserted low beyond the last PHASE3.
Figure 14. Destructive Reset Sequence, BIST enabled
Table 33. RESET sequences
No.
Symbol
Parameter
Conditions
TReset
Unit
Min
Typ
Max(1)
1TDRB
CC Destructive Reset Sequence, BIST enabled
28
34
39
ms
2TDR
CC Destructive Reset Sequence, BIST disabled
—
500
4200
5000
s
3TERLB
CC
External Reset Sequence Long, BIST
enabled
28
32
37
ms
4TFRL
CC Functional Reset Sequence Long
—
35
150
400
µs
5TFRS
CC Functional Reset Sequence Short
—
1
4
10
µs
1. The maximum value is applicable only if the reset sequence duration is not prolonged by an extended assertion of RESET
by an external reset generator.
PHASE3
BIST
PHASE1,2
PHASE0
PHASE1,2
PHASE3
Establish IRC
and PWR
Flash init
Device
Config
Self Test
Setup
DRUN
LBIST
MBIST
Flash init
Device
Config
Application
Execution
TDRB, min < TReset < TDRB, max
Reset Sequence Start Condition
Reset Sequence Trigger
RESET_B
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com