| Electronic Components Datasheet Search |
|
SPC564L60x Datasheet(PDF) 132 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC564L60x Datasheet(HTML) 132 Page - STMicroelectronics |
|
132 / 165 page ![]() Electrical characteristics SPC56ELx, SPC564Lx 132/165 DocID15457 Rev 12 3.20.4 Reset sequence — start condition The impact of the voltage thresholds on the starting point of the internal reset sequence becomes important if the voltage rails / signals ramp up with a very slow slew rate compared to the overall reset sequence duration. 3.20.4.1 Destructive reset Figure 19 shows the voltage threshold that determines the start of the Destructive Reset Sequence, BIST enabled and the start for the Destructive Reset Sequence, BIST disabled. All internal functional reset sources configured for long reset Sequence starts with internal reset trigger Release of RESET(7) cannot trigger cannot trigger triggers cannot trigger All internal functional reset sources configured for short reset cannot trigger cannot trigger cannot trigger triggers 1. Whether BIST is executed or not depends on the chip configuration data stored in the shadow sector of the NVM. 2. End of the internal reset sequence (as specified in Table 33) can only be observed by release of RESET if it is not held low externally beyond the end of the internal sequence which would prolong the internal reset PHASE3 till RESET is released externally. 3. The assertion of RESET can only trigger a reset sequence if the device was running (RESET released) before. RESET does not gate a Destructive Reset Sequence, BIST enabled or a Destructive Reset Sequence, BIST disabled. However, it can prolong these sequences if RESET is held low externally beyond the end of the internal sequence (beyond PHASE3). 4. If RESET is configured for long reset (default) and if BIST is enabled via chip configuration data stored in the shadow sector of the NVM. 5. If RESET is configured for long reset (default) and if BIST is disabled via chip configuration data stored in the shadow sector of the NVM. 6. If RESET is configured for short reset 7. Internal reset sequence can only be observed by state of RESET if bidirectional RESET functionality is enabled for the functional reset source which triggered the reset sequence. Table 34. Reset sequence trigger — reset sequence (continued) Reset Sequence Trigger Reset Sequence Start Condition Reset Sequence End Indication Reset Sequence Destructive Reset Sequence, BIST enabled(1) Destructive Reset Sequence, BIST disabled(1) External Reset Sequence Long, BIST enabled Functional Reset Sequence Long Functional Reset Sequence Short |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |