Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC564L60x Datasheet(PDF) 136 Page - STMicroelectronics

Part # SPC564L60x
Description  Dual issue five-stage pipeline core
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564L60x Datasheet(HTML) 136 Page - STMicroelectronics

Back Button SPC564L60x Datasheet HTML 132Page - STMicroelectronics SPC564L60x Datasheet HTML 133Page - STMicroelectronics SPC564L60x Datasheet HTML 134Page - STMicroelectronics SPC564L60x Datasheet HTML 135Page - STMicroelectronics SPC564L60x Datasheet HTML 136Page - STMicroelectronics SPC564L60x Datasheet HTML 137Page - STMicroelectronics SPC564L60x Datasheet HTML 138Page - STMicroelectronics SPC564L60x Datasheet HTML 139Page - STMicroelectronics SPC564L60x Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 165 page
background image
Electrical characteristics
SPC56ELx, SPC564Lx
136/165
DocID15457 Rev 12
3.21.2
WKUP/NMI timing
3.21.3
IEEE 1149.1 JTAG interface timing
2. CL includes device and package capacitance (CPKG < 5 pF).
Table 37. WKUP/NMI glitch filter
No.
Symbol
Parameter
Min
Typ
Max
Unit
1WFNMI
D NMI pulse width that is rejected
—
—
45
ns
2WNFNMI
D NMI pulse width that is passed
205
—
—
ns
Table 38. JTAG pin AC electrical characteristics
No.
Symbol
Parameter
Conditions
Min
Max
Unit
1tJCYC
D TCK cycle time
—
62.5
—
ns
2tJDC
D TCK clock pulse width (measured at VDDE/2)
—
40
60
%
3tTCKRISE
D TCK rise and fall times (40%–70%)
—
—
3
ns
4
tTMSS,
tTDIS
D TMS, TDI data setup time
—
5
—
ns
5
tTMSH,
tTDIH
D TMS, TDI data hold time
—
25
—
ns
6tTDOV
D TCK low to TDO data valid
—
—
20
ns
7tTDOI
D TCK low to TDO data invalid
—
0
—
ns
8tTDOHZ
D TCK low to TDO high impedance
—
—
20
ns
11
tBSDV
D TCK falling edge to output valid
—
—
50
ns
12
tBSDVZ
D TCK falling edge to output valid out of high impedance
—
—
50
ns
13
tBSDHZ
D TCK falling edge to output high impedance
—
—
50
ns
14
tBSDST
D Boundary scan input valid to TCK rising edge
—
50
—
ns
15
tBSDHT
D TCK rising edge to boundary scan input invalid
—
50
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com