Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC564L60x Datasheet(PDF) 161 Page - STMicroelectronics

Part # SPC564L60x
Description  Dual issue five-stage pipeline core
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564L60x Datasheet(HTML) 161 Page - STMicroelectronics

Back Button SPC564L60x Datasheet HTML 157Page - STMicroelectronics SPC564L60x Datasheet HTML 158Page - STMicroelectronics SPC564L60x Datasheet HTML 159Page - STMicroelectronics SPC564L60x Datasheet HTML 160Page - STMicroelectronics SPC564L60x Datasheet HTML 161Page - STMicroelectronics SPC564L60x Datasheet HTML 162Page - STMicroelectronics SPC564L60x Datasheet HTML 163Page - STMicroelectronics SPC564L60x Datasheet HTML 164Page - STMicroelectronics SPC564L60x Datasheet HTML 165Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 161 / 165 page
background image
DocID15457 Rev 12
161/165
SPC56ELx, SPC564Lx
Revision history
164
01-Aug-2012
8
(cont.)
–In Section 1.5.31: eTimer module” changed text from “The MPC5643L
provides three eTimer modules on the 257 MAPBGA device, and two eTimer
modules on the 144 LQFP package” to “The MPC5643L provides three
eTimer modules (on the LQFP package eTimer_2 is available internally only
without any external I/O access)”.
–In Section 3.6: Electromagnetic Interference (EMI) characteristics”,added
additional information at the end of this section.
–In Section 3.9: Voltage regulator electrical characteristics, added text related
to external ballast transistor.
–In Table 4: LQFP144 pin function summary and Table 5: LFBGA257 pin
function summary
, moved EVTI from output function to input function.
–In Table 7: System pins, changed the direction for EXTAL from “Output Only”
to “Input/Output”.
–InTable 7: System pins, added table footnote for symbol “EXTAL”.
– Changed the row (TVdd) in Table 9: Absolute maximum ratings.
–In Table 9: Absolute maximum ratings, Maximum value for “VDD_HV_IOX” and
“VDD_HV_FLA” changed from “3.6” to “4.0”.
–In Table 22: Current consumption characteristics, added max value 250 and
290 mA for symbol IDD_LV_BIST+IDD_LV_PLL .
– Added five additional RunIDD parameters in Table 22: Current consumption
characteristics
.
–In Table 23: Temperature sensor electrical characteristics, changed
condition for parameter “Accuracy” from “-40°C to 25°C” to “-40°C to 150°C”
–In Table 25: FMPLL electrical characteristics,added ‘150’ to the max value
for ‘fSCM’ In Table 26: 16 MHz RC oscillator electrical
characteristics
,changes done are:
fRC symbol- Added min value ‘15.04’ and max value ‘16.96’.Removed condition
“TJ=25°C”
Removed row containing
RCMVAR symbol.
–In Figure 10: Input Equivalent Circuit, added the name ‘CS’ to the capacitor
in the internal circuit scheme.
– Removed references to Cut1 and Cut2:
Renamed Section “Electromagnetic Interference (EMI) characteristics (cut1)” to
“Electromagnetic Interference (EMI) characteristics”.
In Table 27: ADC conversion characteristics, removed reference to cut2 only for
symbol ‘IS1WINJ’ and ‘TUEIS1WWINJ’.
In Section 1.1: Document overview, modified text to remove references to
‘Cut1’.
–In Table 27: ADC conversion characteristics, for tCONV added ‘60 MHz’ to
‘conditions’ and ‘600’ to the ‘Min’ value.
Separated SNR into two specifications with conditions Vref 3.3 V and 5.0 V
respectively.
Table 45. Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com