Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC564L60x Datasheet(PDF) 163 Page - STMicroelectronics

Part # SPC564L60x
Description  Dual issue five-stage pipeline core
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564L60x Datasheet(HTML) 163 Page - STMicroelectronics

Back Button SPC564L60x Datasheet HTML 157Page - STMicroelectronics SPC564L60x Datasheet HTML 158Page - STMicroelectronics SPC564L60x Datasheet HTML 159Page - STMicroelectronics SPC564L60x Datasheet HTML 160Page - STMicroelectronics SPC564L60x Datasheet HTML 161Page - STMicroelectronics SPC564L60x Datasheet HTML 162Page - STMicroelectronics SPC564L60x Datasheet HTML 163Page - STMicroelectronics SPC564L60x Datasheet HTML 164Page - STMicroelectronics SPC564L60x Datasheet HTML 165Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 163 / 165 page
background image
DocID15457 Rev 12
163/165
SPC56ELx, SPC564Lx
Revision history
164
01-Aug-2012
8
(cont.)
–In Table 20: Voltage regulator electrical specifications, changed the “Digital
supply high voltage detector upper threshold low limit (After a destructive
reset initialization phase completion)” from 1.43V to 1.38V.
– Added Table 20: Voltage regulator electrical specifications.
– Updated the IDD values in Table 22: Current consumption characteristics.
Changed conditions text from “1.2 supplies during LBIST (full LBIST
configuration)” to “1.2 V supplies” for all the IDD parameters except
IDD_LV_BIST+IDD_LV_PLL. Added footnote in “Conditions” for the DPM mode.
– Removed Cut references from the whole document.
In Table 27: ADC conversion characteristics, changed the sampling frequency
value from ‘1 MHz’ to ‘983.6 KHz’.
31-Jul-2013
9
– Updated Table 20: Voltage regulator electrical specifications (Voltage
regulator electrical specifications)
– Added Digital supply low voltage detector lower threshold and Digital supply
low voltage detector upper threshold
– Updated Main High Voltage Power-Low Voltage Detection value to 2.93 V
– Replaced IEC with ISO26262 in Section 1.1: Document overview,
– Table 1 (SPC56XL60/54 device summary)-removed KGD
– Table 26 (16 MHz RC oscillator electrical characteristics) modified fRC
values
– UpdatedTable 28 (Flash memory program and erase electrical
specifications)
– Updated Table 27 (ADC conversion characteristics)-tconv to teval and
associated footnote
– Updated Table 21 (DC electrical characteristics)
– added VIH footnote
– Updated IOL, IOH value for Fast pads
– Updated Table 33 (RESET sequences)-TDRB and TELRB
– Updated Table 20 (Voltage regulator electrical specifications)-combined ESR
of external capacitor values
– Updated Section 3.16.1: Input Impedance and ADC Accuracy -replaced fc
by fs
– Table 7 (System pins)s-added footnote to RESET pin about weak pull down
– Updated Injection current information in Table 21 (DC electrical
characteristics)-IINJ, Table 9 (Absolute maximum ratings)-footnote 4
– Updated Table 22 (Current consumption characteristics) for the following:
– specified oscillator bypass mode and crystal oscillator mode
– Updated STOP and HALT mode values
– Added IDD_HV_PMU
– footnote 2, footnote 3
– Added footnote VDD_HV_ADRx must always be applied and should be stable
before LBIST starts. to Table 10 (Recommended operating conditions (3.3
V)).
– Added footnote to Section 5: Ordering information
– Edit changes to Section 3.6: Electromagnetic Interference (EMI)
characteristics
– Updated Equation 11.
Table 45. Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com