Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC560B54X Datasheet(PDF) 61 Page - STMicroelectronics

Part # SPC560B54X
Description  Variable length encoding
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560B54X Datasheet(HTML) 61 Page - STMicroelectronics

Back Button SPC560B54X Datasheet HTML 57Page - STMicroelectronics SPC560B54X Datasheet HTML 58Page - STMicroelectronics SPC560B54X Datasheet HTML 59Page - STMicroelectronics SPC560B54X Datasheet HTML 60Page - STMicroelectronics SPC560B54X Datasheet HTML 61Page - STMicroelectronics SPC560B54X Datasheet HTML 62Page - STMicroelectronics SPC560B54X Datasheet HTML 63Page - STMicroelectronics SPC560B54X Datasheet HTML 64Page - STMicroelectronics SPC560B54X Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 133 page
background image
DocID15131 Rev 9
61/133
SPC560B54x/6x
Electrical characteristics
132
4.5
Thermal characteristics
4.5.1
External ballast resistor recommendations
External ballast resistor on VDD_BV pin helps in reducing the overall power dissipation inside
the device. This resistor is required only when maximum power consumption exceeds the
limit imposed by package thermal characteristics.
As stated in Table 15 LQFP thermal characteristics, considering a thermal resistance of
LQFP144 as 48.3 °C/W, at ambient temperature TA = 125 °C, the junction temperature Tj
will cross 150 °C if the total power dissipation is greater than (150 – 125)/48.3 = 517 mW.
Therefore, the total device current IDDMAX at 125 °C/5.5 V must not exceed 94.1 mA (i.e.,
PD/VDD). Assuming an average IDD(VDD_HV) of 15–20 mA consumption typically during
device RUN mode, the LV domain consumption IDD(VDD_BV) is thus limited to IDDMAX –
IDD(VDD_HV), i.e., 80 mA.
Therefore, respecting the maximum power allowed as explained in Section 4.5.2: Package
thermal characteristics, it is recommended to use this resistor only in the 125 °C/5.5 V
operating corner as per the following guidelines:
If IDD(VDD_BV) < 80 mA, then no resistor is required.
If 80 mA < IDD(VDD_BV) < 90 mA, then 4  resistor can be used.
If IDD(VDD_BV) > 90 mA, then 8  resistor can be used.
Using resistance in the range of 4–8
, the gain will be around 10–20% of total consumption
on VDD_BV. For example, if 8  resistor is used, then power consumption when IDD(VDD_BV)
is 110 mA is equivalent to power consumption when IDD(VDD_BV) is 90 mA (approximately)
when resistor not used.
In order to ensure correct power up, the minimum VDD_BV to be guaranteed is 30 ms/V. If
the supply ramp is slower than this value, then LVDHV3B monitoring ballast supply VDD_BV
pin gets triggered leading to device reset. Until the supply reaches certain threshold, this low
voltage detector (LVD) generates destructive reset event in the system. This threshold
depends on the maximum IDD(VDD_BV) possible across the external resistor.
4.5.2
Package thermal characteristics
Table 15. LQFP thermal characteristics(1)
Symbol
C
Parameter
Conditions(2)
Pin count
Value
Unit
Min Typ Max
RJA CC D
Thermal resistance, junction-to-
ambient natural convection(3)
Single-layer board — 1s
100
—
—
64
°C/W
144
—
—
64
176
—
—
64
Four-layer board — 2s2p
100
—
—
49.7
144
—
—
48.3
176
—
—
47.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com