Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC560B54X Datasheet(PDF) 125 Page - STMicroelectronics

Part # SPC560B54X
Description  Variable length encoding
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560B54X Datasheet(HTML) 125 Page - STMicroelectronics

Back Button SPC560B54X Datasheet HTML 121Page - STMicroelectronics SPC560B54X Datasheet HTML 122Page - STMicroelectronics SPC560B54X Datasheet HTML 123Page - STMicroelectronics SPC560B54X Datasheet HTML 124Page - STMicroelectronics SPC560B54X Datasheet HTML 125Page - STMicroelectronics SPC560B54X Datasheet HTML 126Page - STMicroelectronics SPC560B54X Datasheet HTML 127Page - STMicroelectronics SPC560B54X Datasheet HTML 128Page - STMicroelectronics SPC560B54X Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 133 page
background image
DocID15131 Rev 9
125/133
SPC560B54x/6x
Package characteristics
132
D
16.80
17.00
17.20
0.6614
0.6693
0.6772
—
D1
—
15.00
—
—
0.5906
—
—
E
16.80
17.00
17.20
0.6614
0.6693
0.6772
—
E1
—
15.00
—
—
0.5906
—
—
e
—
1.00
—
—
0.0394
—
—
F
—
1.00
—
—
0.0394
—
—
ddd
—
—
0.20
—
—
0.0079
eee
—
—
0.25
—
—
0.0098
(4)
fff
—
—
0.10
—
—
0.0039
(5)
1.
Values in inches are converted from mm and rounded to 4 decimal digits.
2.
LBGA stands for Low profile Ball Grid Array.
– Low profile: The total profile height (Dim A) is measured from the seating plane to the top of the component
– The maximum total package height is calculated by the following methodology:
A2 (Typ) + A1 (Typ) +
 (A12 + A32 + A42 tolerance values)
– Low profile: 1.20 mm < A < 1.70 mm
3.
The typical ball diameter before mounting is 0.60mm.
4.
The tolerance of position that controls the location of the pattern of balls with respect to datums A and B.
For each ball there is a cylindrical tolerance zone eee perpendicular to datum C and located on true position with respect to
datums A and B as defined by e. The axis perpendicular to datum C of each ball must lie within this tolerance zone.
5.
The tolerance of position that controls the location of the balls within the matrix with respect to each other.
For each ball there is a cylindrical tolerance zone fff perpendicular to datum C and located on true position as defined by e.
The axis perpendicular to datum C of each ball must lie within this tolerance zone.
Each tolerance zone fff in the array is contained entirely in the respective zone eee above.
The axis of each ball must lie simultaneously in both tolerance zones.
Table 54. LBGA208 mechanical data (continued)
Symbol
mm
inches(1)
Notes
Min
Typ
Max
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com