| Electronic Components Datasheet Search |
|
SPC560P44L3 Datasheet(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC560P44L3 Datasheet(HTML) 14 Page - STMicroelectronics |
|
14 / 112 page ![]() Introduction SPC560P44Lx, SPC560P50Lx 14/112 Doc ID 14723 Rev 9 The crossbar provides the following features: ● 4 master ports: – e200z0 core complex Instruction port – e200z0 core complex Load/Store Data port –eDMA –FlexRay ● 3 slave ports: – Flash memory (code flash and data flash) –SRAM – Peripheral bridge ● 32-bit internal address, 32-bit internal data paths ● Fixed Priority Arbitration based on Port Master ● Temporary dynamic priority elevation of masters 1.5.3 Enhanced direct memory access (eDMA) The enhanced direct memory access (eDMA) controller is a second-generation module capable of performing complex data movements via 16 programmable channels, with minimal intervention from the host processor. The hardware micro architecture includes a DMA engine which performs source and destination address calculations, and the actual data movement operations, along with an SRAM-based memory containing the transfer control descriptors (TCD) for the channels. This implementation is utilized to minimize the overall block size. The eDMA module provides the following features: ● 16 channels support independent 8, 16 or 32-bit single value or block transfers ● Supports variable sized queues and circular queues ● Source and destination address registers are independently configured to either post- increment or to remain constant ● Each transfer is initiated by a peripheral, CPU, or eDMA channel request ● Each eDMA channel can optionally send an interrupt request to the CPU on completion of a single value or block transfer ● DMA transfers possible between system memories, DSPIs, ADC, FlexPWM, eTimer and CTU ● Programmable DMA channel multiplexer for assignment of any DMA source to any available DMA channel with as many as 30 request sources ● eDMA abort operation through software 1.5.4 Flash memory The SPC560P44Lx, SPC560P50Lx provides as much as 576 KB of programmable, non- volatile, flash memory. The non-volatile memory (NVM) can be used for instruction and/or data storage. The flash memory module interfaces the system bus to a dedicated flash memory array controller. It supports a 32-bit data bus width at the system bus port, and a 128-bit read data interface to flash memory. The module contains four 128-bit wide prefetch buffers. Prefetch buffer hits allow no-wait responses. Normal flash memory array accesses are registered and are forwarded to the system bus on the following cycle, incurring two wait-states. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |