Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC564A80B4 Datasheet(PDF) 127 Page - STMicroelectronics

Part # SPC564A80B4
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80B4 Datasheet(HTML) 127 Page - STMicroelectronics

Back Button SPC564A80B4 Datasheet HTML 123Page - STMicroelectronics SPC564A80B4 Datasheet HTML 124Page - STMicroelectronics SPC564A80B4 Datasheet HTML 125Page - STMicroelectronics SPC564A80B4 Datasheet HTML 126Page - STMicroelectronics SPC564A80B4 Datasheet HTML 127Page - STMicroelectronics SPC564A80B4 Datasheet HTML 128Page - STMicroelectronics SPC564A80B4 Datasheet HTML 129Page - STMicroelectronics SPC564A80B4 Datasheet HTML 130Page - STMicroelectronics SPC564A80B4 Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 157 page
background image
SPC564A74L7, SPC564A80B4, SPC564A80L7
Electrical characteristics
Doc ID 15399 Rev 9
127/157
3.17.7
eMIOS timing
3.17.8
DSPI timing
DSPI channel frequency support for the SPC564A80 MCU is shown in Table 47. Timing
specifications are in Table 48.
Table 46.
eMIOS timing(1)
#
Symbol
C
Characteristic
Min.
Value
Max.
Value
Unit
1tMIPW
CC
D
eMIOS Input Pulse Width
4
—
tCYC
2tMOPW
CC
D
eMIOS Output Pulse Width
1
—
tCYC
1.
eMIOS timing specified at fSYS = 80 MHz, VDD = 1.14 V to 1.32 V, VDDEH = 4.5 V to 5.5 V, TA = TL to TH, and CL = 50 pF
with SRC = 0b00.
Table 47.
DSPI channel frequency support
System
Clock (MHz)
DSPI Use
Mode
Max. Usable
Frequency
(MHz)
Notes
150
LVDS
37.5
Use sysclock /4 divide ratio.
Non-LVDS
18.75
Use sysclock /8 divide ratio.
120
LVDS
40
Use sysclock /3 divide ratio. Gives 33/66 duty cycle. Use DSPI
configuration DBR=0b1 (double baud rate), BR=0b0000
(scaler value 2) and PBR=0b01 (prescaler value 3).
Non-LVDS
20
Use sysclock /6 divide ratio.
80
LVDS
40
Use sysclock /2 divide ratio.
Non-LVDS
20
Use sysclock /4 divide ratio.
Table 48.
DSPI timing(1),(2)
#
Symbol
C
Characteristic
Condition
Min.
Max.
Unit
1tSCK
CC
D
SCK Cycle Time(3),(4),(5)
24.4 ns
2.9 ms
—
2tCSC
CC
D
PCS to SCK Delay(6)
22(7)
—ns
3tASC
CC
D
After SCK Delay(8)
21(9)
—ns
4tSDC
CC
D
SCK Duty Cycle
(
½tSC)–2
(
½tSC)+2
ns
5tA
CC
D
Slave Access Time
(SS active to SOUT driven)
—25
ns
6tDIS
CC
D
Slave SOUT Disable Time
(SS inactive to SOUT High-Z or
invalid)
—25
ns
7tPCSC
CC
D
PCSx to PCSS time
4(10)
—ns
8tPASC
CC
D
PCSS to PCSx time
5(11)
—ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com