Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC564A80B4 Datasheet(PDF) 129 Page - STMicroelectronics

Part # SPC564A80B4
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80B4 Datasheet(HTML) 129 Page - STMicroelectronics

Back Button SPC564A80B4 Datasheet HTML 125Page - STMicroelectronics SPC564A80B4 Datasheet HTML 126Page - STMicroelectronics SPC564A80B4 Datasheet HTML 127Page - STMicroelectronics SPC564A80B4 Datasheet HTML 128Page - STMicroelectronics SPC564A80B4 Datasheet HTML 129Page - STMicroelectronics SPC564A80B4 Datasheet HTML 130Page - STMicroelectronics SPC564A80B4 Datasheet HTML 131Page - STMicroelectronics SPC564A80B4 Datasheet HTML 132Page - STMicroelectronics SPC564A80B4 Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 157 page
background image
SPC564A74L7, SPC564A80B4, SPC564A80L7
Electrical characteristics
Doc ID 15399 Rev 9
129/157
Figure 23.
DSPI classic SPI timing — master, CPHA = 0
3.
The minimum DSPI Cycle Time restricts the baud rate selection for given system clock rate. These numbers are calculated
based on two SPC564A80 devices communicating over a DSPI link.
4.
The actual minimum SCK cycle time is limited by pad performance.
5.
For DSPI channels using LVDS output operation, up to 40 MHz SCK cycle time is supported. For non-LVDS output,
maximum SCK frequency is 20 MHz. Appropriate clock division must be applied.
6.
The maximum value is programmable in DSPI_CTARx[PSSCK] and DSPI_CTARx[CSSCK].
7.
Timing met when pcssck = 3(01), and cssck =2 (0000).
8.
The maximum value is programmable in DSPI_CTARx[PASC] and DSPI_CTARx[ASC].
9.
Timing met when ASC = 2 (0000), and PASC = 3 (01).
10. Timing met when pcssck = 3.
11. Timing met when ASC = 3.
12. This number is calculated assuming the SMPL_PT bitfield in DSPI_MCR is set to 0b10.
Data
Last Data
First Data
First Data
Data
Last Data
SIN
SOUT
PCSx
SCK Output
4
9
12
1
11
10
4
SCK Output
(CPOL=0)
(CPOL=1)
3
2
Note: Refer to Table 48 for the numbers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com