Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC564A80B4 Datasheet(PDF) 148 Page - STMicroelectronics

Part # SPC564A80B4
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80B4 Datasheet(HTML) 148 Page - STMicroelectronics

Back Button SPC564A80B4 Datasheet HTML 144Page - STMicroelectronics SPC564A80B4 Datasheet HTML 145Page - STMicroelectronics SPC564A80B4 Datasheet HTML 146Page - STMicroelectronics SPC564A80B4 Datasheet HTML 147Page - STMicroelectronics SPC564A80B4 Datasheet HTML 148Page - STMicroelectronics SPC564A80B4 Datasheet HTML 149Page - STMicroelectronics SPC564A80B4 Datasheet HTML 150Page - STMicroelectronics SPC564A80B4 Datasheet HTML 151Page - STMicroelectronics SPC564A80B4 Datasheet HTML 152Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 157 page
background image
Document revision history
SPC564A74L7, SPC564A80B4, SPC564A80L7
148/157
Doc ID 15399 Rev 9
09-Dec-2009
2
– C4 is VDD (was VDDEH1A)
– C15 is VDDA (was VDDA0)
– C16 is AN14_SDI (was AN14)
– C17 is MDO5_ETPUA4O (was MDO5)
– C21 is NIC1 (was VDDE7)
– D15 is VDDEH7 (was VDDEH9)
– D16 is AN15_FCK (was AN15)
– D17 is MDO6_ETPUA13O (was MDO6)
– D20 is NIC (was VDDE7)
– E19 is NIC (was VDDE7)
– E22 is NIC (was NC)
– F19 is NIC (was VDDE7)
– H4 is VDDEH1AB (was VDDEH1A)
– H19 is VDDEH6AB (was VDDEH10)
– J14 is NIC (was VDDE7)
– K19 is GPIO99 (was PCSA3)
– M9 is VDDE2 (was VDD2)
– M21 is GPIO98 (was PCSA2)
– M22 is VDDREG (was NC)
– N22 is NIC (was NC)
– P2 is ADDR17 (was ADD17)
– P4 is VRC33 (was VDD33)
– R3 is VDDE-EH (was VDDE2)
– T21 is VSS (was VRCVSS)
– T22 is VSS (was VSSPLL)
– U19 is VDDEH6AB (was VDDEH6A)
– W2 is VDDE-EH (was VDDE2)
– W7 is VRC33 (was VDD33)
– W14 is VDDEH4AB (was VDDEH4B)
– W21 is NIC (was VRC33)
– Y22 is VRC33 (was VDD33)
– AB22 is VSS (was VSSPLL)
Recommended operating characteristics for power transistor updated
Pad current specifications updated
LVDS pad specifications updated. SRC does not apply to common mode voltage.
Temperature sensor electrical characteristics added
eQADC electrical characteristics updated with VGA gain specs
Pad AC specifications updated
Definition for RDY signal added to signal details
VSTBY maximum is 5.5 V (was listed incorrectly as 6.0 V)
IMAXA maximum is 5 mA (was TBD)
Analog differential input functions added to AN0–AN7 in signal summary
Table 56.
Revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com