Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC564A80B4 Datasheet(PDF) 152 Page - STMicroelectronics

Part # SPC564A80B4
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80B4 Datasheet(HTML) 152 Page - STMicroelectronics

Back Button SPC564A80B4 Datasheet HTML 148Page - STMicroelectronics SPC564A80B4 Datasheet HTML 149Page - STMicroelectronics SPC564A80B4 Datasheet HTML 150Page - STMicroelectronics SPC564A80B4 Datasheet HTML 151Page - STMicroelectronics SPC564A80B4 Datasheet HTML 152Page - STMicroelectronics SPC564A80B4 Datasheet HTML 153Page - STMicroelectronics SPC564A80B4 Datasheet HTML 154Page - STMicroelectronics SPC564A80B4 Datasheet HTML 155Page - STMicroelectronics SPC564A80B4 Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 157 page
background image
Document revision history
SPC564A74L7, SPC564A80B4, SPC564A80L7
152/157
Doc ID 15399 Rev 9
01-Oct-2010
(cont)
4
(cont)
Updates to EBI timings:
– Note added to tAAI: When CAL_TS is used as CAL_ALE the hold time is 1 ns
instead of 1.5 ns.
– Correction: maximum calibration bus interface operating frequency is 66 MHz for all
port configurations.
– VDDE range in footnote 1 corrected to read, “External Bus and Calibration bus
timing specified at fSYS = 150 MHz and 100 MHz, VDD = 1.14 V to 1.32 V,
VDDE = 3 V to 3.6 V (unless stated otherwise)” (VDDE range was 1.62 V to 3.6 V)
Correction to IEEE 1149.1 timings:
– SRC value in footnote 1 corrected to read, “JTAG timing specified at VDD = 1.14 V
to 1.32 V, VDDEH = 4.5 V to 5.5 V with multi-voltage pads programmed to Low-
Swing mode, TA = TL to TH, and CL = 30 pF with DSC = 0b10, SRC = 0b11.” (SRC
value was 0b00)
Correction to External interrupt timing (IRQ pin) timings:
– Timings are specified at VDD = 1.14 V to 1.32 V (was 1.08 V to 1.32 V).
Update to DSPI timings:
– Some of the timing parameters can vary depending on the value of VDDE. For these
parameters, ranges are now defined for two ranges of VDDE.
Change in signal name notation for DSPI, CAN and SCI signals:
– DSPI:
PCS_x[n] is now DSPI_x_PCS[n]
SOUT_x is now DSPI_x_SOUT
SIN_x is now DSPI_x_SIN
SCK_x is now DSPI_x_SCK
–CAN:
CNTXx is now CAN_x_TX
CNRXx is now CAN_x_RX
–SCI:
RXDx is now SCI_x_RX
TXDx is now SCI_x_TX
Updates to DC electrical specifications:
– Slew rate on power supply pins specification changed to 25 V/ms (was 50 V/ms)
VOH_LS min spec changed to 2.0 V at 0.5 mA (was 2.7 V at 0.5 mA)
Updated I/O pad current specifications
Updated I/O pad VRC33 current specifications
Corrections to Nexus timing:
– Maximum Nexus debug port operating frequency is 40 MHz in all configurations
– To route Nexus to MDO, clear NPC_PCR[NEXCFG] (formerly this was documented
as NPC_PCR[CAL]
– To route Nexus to CAL_MDO, set NPC_PCR[NEXCFG]=1 (formerly this was
documented as NPC_PCR[CAL]
10-Feb-2011
5
– Minor editorial updates.
– Re-organized the first few subsections of the “Overview” section.
– Added ECSM to the block diagram.
– Added information on the REACM, SIU, and ECS modules to the “Block summary”
section.
Table 56.
Revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com