Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC564A80B4 Datasheet(PDF) 155 Page - STMicroelectronics

Part # SPC564A80B4
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80B4 Datasheet(HTML) 155 Page - STMicroelectronics

Back Button SPC564A80B4 Datasheet HTML 149Page - STMicroelectronics SPC564A80B4 Datasheet HTML 150Page - STMicroelectronics SPC564A80B4 Datasheet HTML 151Page - STMicroelectronics SPC564A80B4 Datasheet HTML 152Page - STMicroelectronics SPC564A80B4 Datasheet HTML 153Page - STMicroelectronics SPC564A80B4 Datasheet HTML 154Page - STMicroelectronics SPC564A80B4 Datasheet HTML 155Page - STMicroelectronics SPC564A80B4 Datasheet HTML 156Page - STMicroelectronics SPC564A80B4 Datasheet HTML 157Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 155 / 157 page
background image
SPC564A74L7, SPC564A80B4, SPC564A80L7
Document revision history
Doc ID 15399 Rev 9
155/157
03-Feb-2012
(cont)
6
(cont)
– Added Table 17: SPC564A80 External network specification.
– Updated Figure 8: Core voltage regulator controller external components preferred
configuration.
– Changed External Network Parameter Ce min value to “3*2.35 F+5 F” from
“2*2.35 F+5 F” in Table 17: SPC564A80 External network specification.
– Changed Trans. Line (differential Zo) unit to
from W in Table 25: DSPI LVDS pad
specification.
07-Mar-2012
7
– Update table footnotes in Table 21: DC electrical specifications.
21-Mar-2012
8
– Minor editorial changes.
–In Section 1.4, “SPC564A80 feature list, moved “24 unified channels” after “1 x
eMIOS”.
–In Table 4,“SPC564A80 signal properties”/Column “Name” updated the following
rows:
DSPI_D_SCK /GPIO [98] -Changed “-” to CS[2]
DSPI_D_SIN /GPIO[99] -Changed “-” to CS[3].
–In Table 12,“Thermal characteristics for 324-pin PBGA”/ Column “Value” added
conditional text.
–In Table 21,“DC electrical specifications” made the following changes:
-For the value “VOL_S” parameter changed from “Slow/ medium/multi-voltage pad
I/O output low voltage” to “Slow/medium pad I/O output low voltage”.
-Added a new row for “IDDSTBY27”.
-For row “IDDSTBY(operating current 0.95 -1.2V)” added max value “100” and
changed typ value from “125” to “35”.
-For row “IDDSTBY (operating current 2 - 5.5V)” added max value “110” and changed
typ value from “135” to “45”.
-For symbol “IDDSTBY 150(operating current 0.95 -1.2V)” added max value “2000”,
changed typ value from “1050” to “790”,C cell changed from “T” to “P” and for
symbol “IDDSTBY (operating current 2 - 5.5V)” added max value “2000”, changed typ
value from “1050” to “760”, C cell changed from “T” to “P”.
-Removed note 9 and note 10 (Characterization based capability) from symbol
“VOL_HS”.
– Splitted Table 28,“eQADC conversion specifications (operating)”into
Table 29,“eQADC single ended conversion specifications (operating)” and
Table 30,“eQADC differential ended conversion specifications (operating)”.
–In Table 30 ,“eQADC differential ended conversion specifications (operating)”made
the following changes:
-Added the note of DIFFcmv on all of the DIFF specs.
-Min value changed from (VRH-VRL)/2-5% to (VRH+VRL)/2-5 % and max value
changed from (VRH-VRL)/2+5 % to (VRH+VRL)/2+5 %for DIFFcmv.
–In Table 31 ,“Cutoff frequency for additional SRAM wait state”made the following
changes:
-Added note “Max frequencies including 2% PLL FM”.
-Max operating frequency changed from “96” to “98” and “150” to “153”.
–In Section 3.13, “Configuring SRAM wait states, changed text from “SPC564A80 4M
Microcontroller Reference Manual “ to “device reference manual”.
Table 56.
Revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com