Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC564A80B4 Datasheet(PDF) 154 Page - STMicroelectronics

Part # SPC564A80B4
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80B4 Datasheet(HTML) 154 Page - STMicroelectronics

Back Button SPC564A80B4 Datasheet HTML 149Page - STMicroelectronics SPC564A80B4 Datasheet HTML 150Page - STMicroelectronics SPC564A80B4 Datasheet HTML 151Page - STMicroelectronics SPC564A80B4 Datasheet HTML 152Page - STMicroelectronics SPC564A80B4 Datasheet HTML 153Page - STMicroelectronics SPC564A80B4 Datasheet HTML 154Page - STMicroelectronics SPC564A80B4 Datasheet HTML 155Page - STMicroelectronics SPC564A80B4 Datasheet HTML 156Page - STMicroelectronics SPC564A80B4 Datasheet HTML 157Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 154 / 157 page
background image
Document revision history
SPC564A74L7, SPC564A80B4, SPC564A80L7
154/157
Doc ID 15399 Rev 9
03-Feb-2012
6
– Minor editorial changes.
–In Section 1.4: SPC564A80 feature list, moved “24 unified channels” after “1 x
eMIOS”.
–In Table 4 updated the following rows:
DSPI_D_SCK /GPIO [98] -Changed “-” to CS[2]
DSPI_D_SIN /GPIO[99] -Changed “-” to CS[3].
–In Table 12 Column “Value” added conditional text.
–In Table 21 made the following changes:
-For the value “VOL_S” parameter changed from “Slow/ medium/multi-voltage pad
I/O output low voltage” to “Slow/medium pad I/O output low voltage”.
-Added a new row for “IDDSTBY27”.
-For row “IDDSTBY(operating current 0.95 -1.2V)” added max value “100” and
changed typ value from “125” to “35”.
-For row “IDDSTBY (operating current 2 - 5.5V)” added max value “110” and changed
typ value from “135” to “45”.
-For symbol “IDDSTBY 150(operating current 0.95 -1.2V)” added max value “2000”,
changed typ value from “1050” to “790”,C cell changed from “T” to “P” and for
symbol “IDDSTBY (operating current 2 - 5.5V)” added max value “2000”, changed typ
value from “1050” to “760”, C cell changed from “T” to “P”.
-Removed note 9 and note 10 (Characterization based capability) from symbol
“VOL_HS”.
– Splitted Table 28: eQADC conversion specifications (operating) into Table 29:
eQADC single ended conversion specifications (operating) and Table 30: eQADC
differential ended conversion specifications (operating)
–In Table 30: eQADC differential ended conversion specifications (operating) made
the following changes:
-Added the note of DIFFcmv on all of the DIFF specs.
-Min value changed from (VRH-VRL)/2-5% to (VRH+VRL)/2-5 % and max value
changed from (VRH-VRL)/2+5% to (VRH+VRL)/2+5%for DIFFcmv.
–In Table 31: Cutoff frequency for additional SRAM wait state made the following
changes:
-Added note “Max frequencies including 2% PLL FM”.
-Max operating frequency changed from “96” to “98” and “150” to “153”.
–In Section 3.13: Configuring SRAM wait states, changed text from “SPC564A80 4M
Microcontroller Reference Manual “ to “device reference manual”.
–In Table 32: APC, RWSC, WWSC settings vs. frequency of operation,
- Added note for “Max Flash Operating Frequency(MHz).
- Changed values from 30, 60,120, 150 to 20,61,123, 153 respectively in Max Flash
Operating Frequency (MHz).
–In Table 33: Flash program and erase specifications, added two parameter “Tpsrt”
and “Tesrt”.
–In Table 41: External Bus Interface maximum operating frequency, replacedthe <=
symbol in notes with

– Added note “Refer to table DSPI timing for the numbers” in all the figures under
Section 3.17.8: DSPI timing .
Table 56.
Revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com