Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC570S50E1 Datasheet(PDF) 39 Page - STMicroelectronics

Part # SPC570S50E1
Description  Single issue 4-stage pipeline in-order execution core
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC570S50E1 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button SPC570S50E1 Datasheet HTML 35Page - STMicroelectronics SPC570S50E1 Datasheet HTML 36Page - STMicroelectronics SPC570S50E1 Datasheet HTML 37Page - STMicroelectronics SPC570S50E1 Datasheet HTML 38Page - STMicroelectronics SPC570S50E1 Datasheet HTML 39Page - STMicroelectronics SPC570S50E1 Datasheet HTML 40Page - STMicroelectronics SPC570S50E1 Datasheet HTML 41Page - STMicroelectronics SPC570S50E1 Datasheet HTML 42Page - STMicroelectronics SPC570S50E1 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
DocID024492 Rev 6
39/68
SPC570S40Ex, SPC570S50Ex
Electrical characteristics
67
4.11
Power management electrical characteristics
4.11.1
Voltage regulator electrical characteristics
The device implements an internal voltage regulator to generate the low voltage core supply
VDD_LV from the high voltage ballast supply VDD_HV_IO. The regulator itself is supplied by
VDD_HV_OSC_PMC.
Note:
VDD_HV_OSC_PMC is to be shorted with VDD_HV_IO supply at package level.
Table 20. Reset electrical characteristics
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
VIH
SR P
Input high level TTL
(Schmitt trigger)
—
2.0
—
VDD_HV_IO
+ 0.4
V
VIL
SR P
Input low level TTL
(Schmitt trigger)
3.0 V < VDD_HV_IO < 3.6 V
0.4
—
0.6
V
4.5 V < VDD_HV_IO < 5.5 V
0.4
—
0.8
VHYS
CC C
Input hysteresis TTL
(Schmitt trigger)
—
275
—
—
mV
VDD_POR CC C
Minimum supply for strong
pull-down activation
——
—
1.2
V
IOL_R
CC P Strong pull-down current
Device under power-on reset
3.0 V < VDD_HV_IO < 5.5 V,
VOL > 1.0 V
0.2
—
—
mA
Device under power-on reset
VDD_HV_IO = 4.0 V, VOL = VIL
12
—
—
mA
|IWPU|CC P
Weak pull-up current
absolute value
ESR0 pin
VIN = 0.69 * VDD_HV_IO
23
—
—
µA
ESR0 pin
VIN = 0.49 * VDD_HV_IO
——
82
|IWPD|CC P
Weak pull-down current
absolute value
PORST pin
VIN = 0.69 * VDD_HV_IO
——
130
µA
PORST pin
VIN = 0.49 * VDD_HV_IO
40
—
—
WFRST SR P
PORST input filtered
pulse
——
—
500
ns
WNFRST SR P
PORST input not filtered
pulse
—
2000
—
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com