Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SRC0CS25D Datasheet(PDF) 12 Page - STMicroelectronics

Part # SRC0CS25D
Description  Power-up duration determined primarily by push-button press
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRC0CS25D Datasheet(HTML) 12 Page - STMicroelectronics

Back Button SRC0CS25D Datasheet HTML 8Page - STMicroelectronics SRC0CS25D Datasheet HTML 9Page - STMicroelectronics SRC0CS25D Datasheet HTML 10Page - STMicroelectronics SRC0CS25D Datasheet HTML 11Page - STMicroelectronics SRC0CS25D Datasheet HTML 12Page - STMicroelectronics SRC0CS25D Datasheet HTML 13Page - STMicroelectronics SRC0CS25D Datasheet HTML 14Page - STMicroelectronics SRC0CS25D Datasheet HTML 15Page - STMicroelectronics SRC0CS25D Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
Operation
SRC0
12/48
DocID026008 Rev 2
3
Operation
The SRC0 simplified smart push-button on/off controller with Smart Resetand power-on
lockout enables and disables power for the application depending on push-button states,
signals from the processor, and battery voltage.
Power-on
Because most of the processors have outputs in high-Z state before initialization, an internal
pull-down resistor is connected to PSHOLD input during startup (see Figure 7, 8, 9, 10, 11,
12, 13, and 18).
To power up the device the push-button PB has to be pressed for at least tDEBOUNCE and
VCC has to be above VTH+ for the whole tDEBOUNCE period. If the battery voltage drops
below VTH+ during the tDEBOUNCE, the counter is reset and starts to count again when VCC >
VTH+ (see Figure 13). After tDEBOUNCE the enable signal is asserted (EN goes high, EN
goes low), reset output RST is asserted for tREC and then the startup routine is performed by
the processor. During initialization, the processor sets the PSHOLD signal high.
On the SRC0 the PSHOLD signal has to be set high prior to push-button release and
tON_BLANK expiration, otherwise the enable signal is deasserted (EN goes low, EN goes
high) - see Figure 7, 8, 9, and 10. The time up to push-button release represents the
maximum time allowed for the system to power up and initialize the circuits driving the
PSHOLD input. If the PSHOLD signal is low at push-button release, the enable output is
deasserted immediately, thus turning off the system power. If tON_BLANK expires prior to
push-button release, the PSHOLD state is checked at its expiration. This safety feature
disables the power and prevents discharging the battery if the push-button is stuck or it is
held for an unreasonable period of time and the application is not responding (see Figure 8
and 10). PB status, INT status and VCC undervoltage detection are not monitored until
power-up is completed.
Push-button interrupt
If the device works under normal operation (i.e. PSHOLD is high) and the push-button PB is
pressed for more than tDEBOUNCE, a negative pulse with minimum tINT_Min width is
generated on the INT output. By connecting INT to the processor interrupt input (INT or
NMI) a safeguard routine can be performed and the power can be shut down by setting
PSHOLD low - see Figure 14.
Forced power-down mode
The PSHOLD output can be forced low anytime during normal operation by the processor
and can deassert the enable signal - see Figure 14.
Undervoltage detection
If VCC voltage drops below VTH- voltage threshold during normal operation, the INT output is
driven low (see Figure 20 and Figure 21).
If an undervoltage condition is detected for tDEBOUNCE + tINT_Min + tSRD, the enable output is
deasserted (see Figure 21).
Hardware reset or power-down while system not responding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com