Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7MC1K2-Auto Datasheet(PDF) 140 Page - STMicroelectronics

Part # ST7MC1K2-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2-Auto Datasheet(HTML) 140 Page - STMicroelectronics

Back Button ST7MC1K2-Auto Datasheet HTML 136Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 137Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 138Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 139Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 140Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 141Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 142Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 143Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 144Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
140/371
10.5.2
SCI features
Full duplex, asynchronous communications
NRZ standard format (mark/space)
Independently programmable transmit and receive baud rates up to 500K baud
Programmable data word length (8 or 9 bits)
Receive buffer full, transmit buffer empty and end of transmission flags
2 receiver wake-up modes:
address bit (MSB)
idle line
Muting function for multiprocessor configurations
Separate enable bits for transmitter and receiver
Overrun, noise and frame error detection
6 interrupt sources
transmit data register empty
transmission complete
receive data register full
idle line received
overrun error
parity interrupt
Parity control:
transmits parity bit
checks parity of received data byte
Reduced power consumption mode
10.5.3
LIN features
LIN master
13-bit LIN synch break generation
LIN slave
automatic header handling
automatic baud rate resynchronization based on recognition and measurement of
the LIN synch field (for LIN slave nodes)
automatic baud rate adjustment (at CPU frequency precision)
11-bit LIN synch break detection capability
LIN parity check on the LIN identifier field (only in reception)
LIN error management
LIN header timeout
Hot plugging support
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com