| Electronic Components Datasheet Search |
|
ST7MC1K2-Auto Datasheet(PDF) 144 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7MC1K2-Auto Datasheet(HTML) 144 Page - STMicroelectronics |
|
144 / 371 page ![]() Obsolete Product(s) - Obsolete Product(s) On-chip peripherals ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto 144/371 Figure 62. Word length programming Transmitter The transmitter can send data words of either 8 or 9 bits depending on the M bit status. When the M bit is set, word length is 9 bits and the 9th bit (the MSB) has to be stored in the T8 bit in the SCICR1 register. Character transmission During an SCI transmission, data shifts out least significant bit first on the TDO pin. In this mode, the SCIDR register consists of a buffer (TDR) between the internal bus and the transmit shift register (see Figure 61). Procedure ● Select the M bit to define the word length. ● Select the desired baud rate using the SCIBRR and the SCIETPR registers. ● Set the TE bit to send a preamble of 10 (M = 0) or 11 (M = 1) consecutive ones (idle line) as first transmission. ● Access the SCISR register and write the data to send in the SCIDR register (this sequence clears the TDRE bit). Repeat this sequence for each data to be transmitted. Clearing the TDRE bit is always performed by the following software sequence: 1. Accessing the SCISR register. 2. Writing to the SCIDR register. Bit 0 Bit 1 Bit 2 Bit 3 Bit 4 Bit 5 Bit 6 Bit 7 Bit 8 Start bit Stop bit Next start bit Idle line Stop Bit 9-bit word length (M bit is set) Possible parity bit Break character Extra ’1’ Data character Next data character Start bit Start bit 9-bit word length (M bit is reset) Possible parity bit Data character Next data character Next start bit Start bit Extra ’1’ Start bit Start bit Bit 0 Bit 1 Bit 2 Bit 3 Bit 4 Bit 5 Bit 6 Bit 7 Idle line Break character Obsolete Product(s) - Obsolete Product(s) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |