Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7MC1K2-Auto Datasheet(PDF) 147 Page - STMicroelectronics

Part # ST7MC1K2-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2-Auto Datasheet(HTML) 147 Page - STMicroelectronics

Back Button ST7MC1K2-Auto Datasheet HTML 143Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 144Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 145Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 146Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 147Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 148Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 149Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 150Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
147/371
Framing error
A framing error is detected when:
The stop bit is not recognized on reception at the expected time, following either a
desynchronization or excessive noise.
A break is received.
When the framing error is detected:
the FE bit is set by hardware
Data is transferred from the shift register to the SCIDR register.
No interrupt is generated. However this bit rises at the same time as the RDRF bit
which itself generates an interrupt.
The FE bit is reset by a SCISR register read operation followed by a SCIDR register read
operation.
Break character
When a break character is received, the SCI handles it as a framing error. To differentiate a
break character from a framing error, it is necessary to read the SCIDR. If the received value
is 00h, it is a break character. Otherwise it is a framing error.
Conventional baud rate generation
The baud rates for the receiver and transmitter (Rx and Tx) are set independently and
calculated as follows:
Equation 7
where
PR = 1, 3, 4 or 13 (see SCI baud rate register (SCIBRR) on page 156, SCP[1:0] bits)
TR = 1, 2, 4, 8, 16, 32, 64,128 (see SCI baud rate register (SCIBRR) on page 156, SCT[2:0]
bits)
RR = 1, 2, 4, 8, 16, 32, 64,128 (see SCI baud rate register (SCIBRR) on page 156,
SCR[2:0] bits)
Example: If fCPU is 8 MHz (normal mode) and if PR = 13 and TR = RR = 1, the transmit and
receive baud rates are 38400 baud.
Note:
The baud rate registers MUST NOT be changed while the transmitter or the receiver is
enabled.
Extended baud rate generation
The extended prescaler option gives a very fine tuning on the baud rate, using a 255 value
prescaler, whereas the conventional baud rate generator retains industry standard software
compatibility.
The extended baud rate generator block diagram is described in Figure 63.
The output clock rate sent to the transmitter or to the receiver is the output from the 16
divider divided by a factor ranging from 1 to 255 set in the SCIERPR or the SCIETPR
registers.
Tx =
(16*PR)*TR
fCPU
Rx =
(16*PR)*RR
fCPU
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com