| Electronic Components Datasheet Search |
|
ST7MC1K6-Auto Datasheet(PDF) 222 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7MC1K6-Auto Datasheet(HTML) 222 Page - STMicroelectronics |
|
222 / 371 page ![]() Obsolete Product(s) - Obsolete Product(s) On-chip peripherals ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto 222/371 Figure 96. Simulated demagnetization/zero-crossing event generation (SC = 0) When using hardware commutation CH, the sequence of events needed is CH then D and finally Z events and the value written in the registers are checked at different times. If SDM bit is set, meaning simulated demagnetization, a value must be written in the MDREG register to generate the simulated demagnetization. This value must be written after the C (either Cs or CH) event preceding the simulated demagnetization. If SZ bit is set, meaning simulated zero-crossing event, a value must be written in the MZREG register to generate the simulated zero-crossing. This value must be written after the D event (DH or DS) preceding the simulated zero-crossing. When using simulated commutation (CS), the result of the 8*8 hardware multiplication of the delay manager is not taken in account and must be overwritten if the SC bit has been set in a Z event interrupt and the sequence of events is broken meaning that several consecutive simulated commutations can be implemented. As soon as the SC bit is set in the MCRC register, the system won’t necessarily expect a D event after a C event. This can be used for an application in sensor mode with only one hall effect sensor for example. Be careful that the D and Z events are not ignored by the peripheral, this means that for example if a Z event occurs, the MTIM timer is reset. In simulated commutation mode, the sequence D -> Z is expected, and this order must be respected. As the sequence of events may not be the same when using simulated commutation, as soon as the SC bit is set, the capture/compare feature and protection on MCOMP register is reestablished only after a write to the MCOMP register. This means that as soon as the SC bit is set, if no write access is done to the MCOMP register, no commutation event is generated, whatever the value of MCOMP compared to MTIM at the time SC is set. This does not depend on the running mode: switched or autoswitched mode (SWA bit). If software commutation event is used with a normal sequence of events C-->D-->Z, it is CH CH CH ZH DS DH ZH DS ZS ZS After C interrupt MDREG value checked. If MDREG<=MTIM immediate DS generation ZS DS ZH CH t After D interrupt MZREG value checked. If MZREG<=MTIM immediate ZS generation During C interrupt simulated or hardware D/Z events value written in MDREG/MZREG simulated event generation Simulated zero-crossing Simulated demagnetization Hardware zero-crossing Hardware commutation Obsolete Product(s) - Obsolete Product(s) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |