| Electronic Components Datasheet Search |
|
ST7MC1K6-Auto Datasheet(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7MC1K6-Auto Datasheet(HTML) 40 Page - STMicroelectronics |
|
40 / 371 page ![]() Obsolete Product(s) - Obsolete Product(s) Central processing unit ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto 40/371 5.3.5 Stack pointer register (SP) R The stack pointer is a 16-bit register which always points to the next free location in the stack. It is decremented after data has been pushed onto the stack and incremented before data is popped from the stack (see Figure 8). Since the stack is 256 bytes deep, the 8 most significant bits are forced by hardware. Following an MCU reset, or after a reset stack pointer instruction (RSP), the stack pointer contains its reset value (the SP7 to SP0 bits are set) which is the stack higher address. The LSB of the stack pointer (called S) can be directly accessed by an LD instruction. Note: When the lower limit is exceeded, the stack pointer wraps around to the stack upper limit, without indicating the stack overflow. The previously stored information is then overwritten and therefore lost. The stack also wraps in case of an underflow. The stack is used to save the return address during a subroutine call and the CPU context during an interrupt. The user may also directly manipulate the stack by means of the push and pop instructions. In the case of an interrupt, the PCL is stored at the first location 1 Z (zero) Arithmetic management bit This bit is set and cleared by hardware. This bit indicates that the result of the last arithmetic, logical or data manipulation is zero. 0: The result of the last operation is different from zero 1: The result of the last operation is zero This bit is accessed by the JREQ and JRNE test instructions. 0 C (carry/borrow) Arithmetic management bit This bit is set and cleared by hardware and software. It indicates an overflow or an underflow has occurred during the last arithmetic operation. 0: No overflow or underflow has occurred 1: An overflow or underflow has occurred This bit is driven by the SCF and RCF instructions and tested by the JRC and JRNC instructions. It is also affected by the “bit test and branch”, shift and rotate instructions. Table 5. CC register description (continued) Bit Name Function SP Reset value: 01 FFh 15 14 13 12 11 10 9 8 01 R/W R/W 7 654 32 10 SP[7:0] R/W R/W Obsolete Product(s) - Obsolete Product(s) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |