Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F273Z4 Datasheet(PDF) 181 Page - STMicroelectronics

Part # ST10F273Z4
Description  16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F273Z4 Datasheet(HTML) 181 Page - STMicroelectronics

Back Button ST10F273Z4 Datasheet HTML 177Page - STMicroelectronics ST10F273Z4 Datasheet HTML 178Page - STMicroelectronics ST10F273Z4 Datasheet HTML 179Page - STMicroelectronics ST10F273Z4 Datasheet HTML 180Page - STMicroelectronics ST10F273Z4 Datasheet HTML 181Page - STMicroelectronics ST10F273Z4 Datasheet HTML 182Page - STMicroelectronics ST10F273Z4 Datasheet HTML 183Page - STMicroelectronics ST10F273Z4 Datasheet HTML 184Page - STMicroelectronics ST10F273Z4 Datasheet HTML 185Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 188 page
background image
ST10F273Z4
Known limitations
181/188
25.1.4
Spurious BREQ pulse in slave mode during external bus arbitration
phase
Description
Sporadic bus errors may occur when the device operates as a slave and the HOLD signal is
used for external bus arbitration.
After the slave has been granted the bus, it deactivates sporadically BREQ signal for a short
time, even though its access to the bus has not been completed. The master then starts
accessing the bus, thus causing a bus conflict between master and slave.
Workaround
To avoid producing any spurious BREQ pulse during slave external bus arbitrations, it is
necessary to ensure that the time between the HLDA assertion (Bus Acknowledge from
Master device) and the following HOLD falling edge (Bus Request from Master) is longer
than three clock cycles.
This can be achieved by delaying the HOLD signal with an RC circuit (see Figure 63).
Figure 63.
Connecting an ST10 in slave mode
25.1.5
Executing PWRDN instructions
Description
The Power-down mode is not entered and the PWRDN instruction is ignored in the following
cases:
●
The PWRDN instruction is executed while NMI is high (PWDCFG bit of the SYSCON
register cleared)
●
The PWRDN instruction is executed while at least one of the Port 2 pins used to exit
from Power-down mode (PWDCFG bit of the SYSCON register is set) is at the active
level.
BREQ
HLDA
HOLD
BREQ (P6.7)
HLDA (P6.6)
HOLD (P6.5)
Master
ST10 in Slave mode
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com